Electronic Components Datasheet Search
  English  ▼

X  

LTC3121 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3121
Description  15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3121 Datasheet(HTML) 3 Page - Linear Technology

  LTC3121 Datasheet HTML 1Page - Linear Technology LTC3121 Datasheet HTML 2Page - Linear Technology LTC3121 Datasheet HTML 3Page - Linear Technology LTC3121 Datasheet HTML 4Page - Linear Technology LTC3121 Datasheet HTML 5Page - Linear Technology LTC3121 Datasheet HTML 6Page - Linear Technology LTC3121 Datasheet HTML 7Page - Linear Technology LTC3121 Datasheet HTML 8Page - Linear Technology LTC3121 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTC3121
3
3121fa
For more information www.linear.com/LTC3121
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Voltage transients on the SW pin beyond the DC limit specified in
the Absolute Maximum Ratings are non-disruptive to normal operations
when using good layout practices, as shown on the demo board or
described in the data sheet or application notes.
Note 3: The LTC3121 is tested under pulsed load conditions such that
TA ≈ TJ. The LTC3121E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC3121I is guaranteed
to meet specifications over the full –40°C to 125°C operating junction
The l denotes the specifications which apply over the full operating junction
temperature range, otherwise specifications are at TA = 25°C (Note 3). VIN = 3.6V, VOUT = 12V, RT = 57.6k unless otherwise noted.
PARAMETER
CONDITIONS
MIN.
TYP
MAX
UNITS
Minimum Start-Up Voltage
VOUT = 0V
l
1.7
1.8
V
Input Voltage Range
After VOUT ≥ 2.2V
l
0.5
5.5
V
Output Voltage Adjust Range
l
2.2
15
V
Feedback Voltage
l
1.178
1.202
1.225
V
Feedback Input Current
VFB = 1.4V
1
50
nA
Quiescent Current, Shutdown
VSD = 0V, VOUT = 0V, Not Including Switch Leakage
0.01
1
µA
Quiescent Current, Active
VC = 0V, Measured On VIN, Non-Switching
500
700
µA
Quiescent Current, Burst
Measured on VIN, VFB > 1.4V
Measured on VOUT, VFB > 1.4V
25
10
40
20
µA
µA
N-channel MOSFET Switch Leakage Current
VSW = 15V, VOUT = 15V, VC = 0V (Note 6)
l
0.1
30
µA
P-channel MOSFET Switch Leakage Current
VSW = VIN = 0V, VOUT = 15V (Note 6)
l
0.1
70
µA
N-channel MOSFET Switch On-Resistance
0.121
Ω
P-channel MOSFET Switch On-Resistance
0.188
Ω
N-channel MOSFET Current Limit
VIN = 3.3V
l
1.5
1.8
2.7
A
Maximum Duty Cycle
VFB = 1.0V
l
90
94
%
Minimum Duty Cycle
VFB = 1.4V
l
0
%
Switching Frequency
l
0.85
1
1.15
MHz
SYNC Frequency Range
l
0.1
3
MHz
PWM/SYNC Input High
l
0.9 •VCC
V
PWM/SYNC Input Low
l
0.1•VCC
V
PWM/SYNC Input Current
VPWM/SYNC = 5.5V
0.01
1
µA
CAP Clamp Voltage
VOUT > 6.1V, Referenced to VOUT
–5.2
–5.6
–6.0
V
Error Amplifier Transconductance
l
70
100
130
µS
Error Amplifier Output Current
±25
µA
Soft-Start Time
10
ms
SD Input High
l
1.6
V
SD Input Low
l
0.25
V
SD Input Current
VSD = 5.5V
1
2
µA
temperature range. The junction temperature (TJ in °C) is calculated from
the ambient temperature (TA in °C) and power dissipation (PD in watts)
according to the formula: TJ = TA + (PD • θJA) where θJA is the thermal
impedance of the package.
Note 4: The LTC3121 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature shutdown is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
Note 5: Failure to solder the exposed backside of the package to the PC
board ground plane will result in a thermal impedance much higher than
the rated package specifications.
Note 6: Measured using a propietary test mode to ensure anti-ringing
switch between VIN ans SW is not active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com