Electronic Components Datasheet Search
  English  ▼

X  

LTC3121 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3121
Description  15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3121 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3121 Datasheet HTML 5Page - Linear Technology LTC3121 Datasheet HTML 6Page - Linear Technology LTC3121 Datasheet HTML 7Page - Linear Technology LTC3121 Datasheet HTML 8Page - Linear Technology LTC3121 Datasheet HTML 9Page - Linear Technology LTC3121 Datasheet HTML 10Page - Linear Technology LTC3121 Datasheet HTML 11Page - Linear Technology LTC3121 Datasheet HTML 12Page - Linear Technology LTC3121 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTC3121
9
3121fa
For more information www.linear.com/LTC3121
operaTion
The LTC3121 is an adjustable frequency, 100kHz to 3MHz
synchronous boost converter housed in a 12-lead 4mm ×
3mm DFN. The LTC3121 offers the unique ability to start-
up and regulate the output from inputs as low as 1.8V and
continue to operate from inputs as low as 0.5V. Output
voltages can be programmed between 2.2V and 15V. The
device also features fixed frequency, current mode PWM
control for exceptional line and load regulation. The cur-
rent mode architecture with adaptive slope compensation
provides excellent transient load response and requires
minimal output filtering. An internal 10ms closed loop
soft-start simplifies the design process while minimizing
the number of external components.
WithitslowRDS(ON)andlowgatechargeinternalN-channel
MOSFET switch and P-channel MOSFET synchronous
rectifier, the LTC3121 achieves high efficiency over a wide
range of load current. High efficiency is achieved at light
loadswhenBurstModeoperationiscommanded.Operation
can be best understood by referring to the Block Diagram.
LOW VOLTAGE OPERATION
The LTC3121 is designed to allow start-up from input
voltages as low as 1.8V. When VOUT exceeds 2.2V, the
LTC3121 continues to regulate its output, even when VIN
falls to as low as 0.5V. The limiting factors for the applica-
tion become the availability of the input source to supply
sufficient power to the output at the low voltages, and
the maximum duty cycle. Note that at low input voltages,
small voltage drops due to series resistance become
critical and greatly limit the power delivery capability of
the converter. This feature extends operating times by
maximizing the amount of energy that can be extracted
from the input source.
LOW NOISE FIXED FREQUENCY OPERATION
Soft-Start
The LTC3121 contains internal circuitry to provide closed-
loop soft-start operation. The soft-start utilizes a linearly
increasing ramp of the error amplifier reference voltage
from zero to its nominal value of 1.202V in approximately
10ms, with the internal control loop driving VOUT from
zero to its final programmed value. This limits the inrush
current drawn from the input source. As a result, the du-
ration of the soft-start is largely unaffected by the size of
the output capacitor or the output regulation voltage. The
closed loop nature of the soft-start allows the converter
to respond to load transients that might occur during
the soft-start interval. The soft-start period is reset by a
shutdown command on SD, a UVLO event on VCC (VCC <
1.6V), an overvoltage event on VOUT (VOUT ≥ 16.2V), or
an overtemperature event (thermal shutdown is invoked
when the die temperature exceeds 170°C). Upon removal
of these fault conditions, the LTC3121 will soft-start the
output voltage.
Error Amplifier
The non-inverting input of the transconductance error
amplifier is internally connected to the 1.202V reference
and the inverting input is connected to FB. An external
resistive voltage divider from VOUT to ground programs
the output voltage from 2.2V to 15V via FB as shown in
Figure 1.
VOUT = 1.202V 1+
R1
R2
⎛
⎝
⎜
⎞
⎠
⎟
Selecting an R2 value of 121kΩ to have approximately
10µA of bias current in the VOUT resistor divider yields
the formula:
R1 = 100.67•(VOUT – 1.202V)
where R1 is in kΩ.
Power converter control loop compensation is set by a
simple RC network between VC and ground.
Figure 1. Programming the Output Voltage
3121 F01
FB
LTC3121
1.202V
R2
R1
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com