Electronic Components Datasheet Search
  English  ▼

X  

LTC3121 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3121
Description  15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3121 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3121 Datasheet HTML 6Page - Linear Technology LTC3121 Datasheet HTML 7Page - Linear Technology LTC3121 Datasheet HTML 8Page - Linear Technology LTC3121 Datasheet HTML 9Page - Linear Technology LTC3121 Datasheet HTML 10Page - Linear Technology LTC3121 Datasheet HTML 11Page - Linear Technology LTC3121 Datasheet HTML 12Page - Linear Technology LTC3121 Datasheet HTML 13Page - Linear Technology LTC3121 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTC3121
10
3121fa
For more information www.linear.com/LTC3121
operaTion
Internal Current Limit
The current limit comparator shuts off the N-channel
MOSFET switch once its threshold is reached. Peak switch
current is limited to 1.8A, independent of input or output
voltage, except when VOUT is below 1.5V, resulting in the
current limit being approximately half of the nominal peak.
Lossless current sensing converts the peak current sig-
nal of the N-channel MOSFET switch into a voltage that
is summed with the internal slope compensation. The
summed signal is compared to the error amplifier output
to provide a peak current control command for the PWM.
Zero Current Comparator
Thezerocurrentcomparatormonitorstheinductorcurrent
being delivered to the output and shuts off the synchro-
nous rectifier when this current reduces to approximately
50mA. This prevents the inductor current from reversing
in polarity, improving efficiency at light loads.
Oscillator
Theinternaloscillatorisprogrammedtothedesiredswitch-
ing frequency with an external resistor from the RT pin to
GND according to the following formula:
ƒOSC(MHz)=
57.6
RT(kΩ)
⎛
⎝
⎜
⎞
⎠
⎟
The oscillator also can be synchronized to an external
frequency by applying a pulse train to the PWM/SYNC pin.
An external resistor must be connected between RT and
GNDtoprogramtheoscillatortoafrequencyapproximately
25% below that of the externally applied pulse train used
for synchronization. RT is selected in this case according
to this formula:
RT(kΩ) =
73.2
ƒSYNC(MHz)
⎛
⎝
⎜
⎞
⎠
⎟
Output Disconnect
The LTC3121’s output disconnect feature eliminates body
diode conduction of the internal P-channel MOSFET
rectifier. This allows for VOUT to discharge to 0V during
shutdown, and draw no current from the input source. It
also allows for inrush current limiting at turn-on, minimiz-
ing surge currents seen by the input supply. Note that to
obtain the advantages of output disconnect, there must
not be an external Schottky diode connected between SW
and VOUT. The output disconnect feature also allows VOUT
to be pulled high, without reverse current being backfed
into the power source connected to VIN.
Shutdown
The boost converter is disabled by pulling SD below 0.25V
and enabled by pulling SD above 1.6V. Note that SD can
be driven above VIN or VOUT, as long as it is limited to less
than the absolute maximum rating.
Thermal Shutdown
If the die temperature exceeds 170°C typical, the LTC3121
will go into thermal shutdown (TSD). All switches will be
turnedoffuntilthedietemperaturedropsbyapproximately
7°C, when the device re-initiates a soft-start and switching
can resume.
Boost Anti-Ringing Control
When VOUT ≥ VIN + 2V, the anti-ringing control connects
a resistor across the inductor to damp high frequency
ringing on the SW pin during discontinuous current mode
operation when the inductor current has dropped to near
zero. Although the ringing of the resonant circuit formed
by L and CSW (capacitance on SW pin) is low energy, it
can cause EMI radiation.
VCC Regulator
An internal low dropout regulator generates the 4.25V
(nominal) VCC rail from VIN or VOUT, depending upon
operating conditions. VCC is supplied from VIN when VIN
is greater than 3.5V, otherwise the greater of VIN and VOUT
is used. The VCC rail powers the internal control circuitry
and power MOSFET gate drivers of the LTC3121. The VCC
regulator is disabled in shutdown to reduce quiescent
current and is enabled by forcing the SD pin above its
threshold. A 4.7µF or larger capacitor must be connected
between VCC and SGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com