Electronic Components Datasheet Search
  English  ▼

X  

LTC3121 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC3121
Description  15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3121 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC3121 Datasheet HTML 18Page - Linear Technology LTC3121 Datasheet HTML 19Page - Linear Technology LTC3121 Datasheet HTML 20Page - Linear Technology LTC3121 Datasheet HTML 21Page - Linear Technology LTC3121 Datasheet HTML 22Page - Linear Technology LTC3121 Datasheet HTML 23Page - Linear Technology LTC3121 Datasheet HTML 24Page - Linear Technology LTC3121 Datasheet HTML 25Page - Linear Technology LTC3121 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LTC3121
26
3121fa
For more information www.linear.com/LTC3121
LINEAR TECHNOLOGY CORPORATION 2015
LT 0416 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC3121
relaTeD parTs
Typical applicaTion
Dual Supercapacitor Backup Power Supply, 0.5V to 5V
PART NUMBER
DESCRIPTION
COMMENTS
LTC3421
3A ISW, 3MHz, Synchronous Step-Up DC/DC Converter
with Output Disconnect
95% Efficiency, VIN = 0.5V to 4.5V, VOUT(MAX) = 5.25V, IQ = 12μA,
ISD < 1μA, QFN24 Package
LTC3422
1.5A ISW, 3MHz Synchronous Step-Up DC/DC Converter
with Output Disconnect
95% Efficiency, VIN = 0.5V to 4.5V, VOUT(MAX) = 5.25V, IQ = 25μA,
ISD < 1μA, 3mm × 3mm DFN Package
LTC3112
2.5A ISW, 750kHz, Synchronous Buck-Boost DC/DC Converter
with Output Disconnect, Burst Mode Operation
95% Efficiency, VIN = 2.7V to 15V, VOUT(MAX) = 14V, IQ = 50μA,
ISD < 1μA, 4mm × 5mm DFN and TSSOP Packages
LTC3458
1.4A ISW, 1.5MHz, Synchronous Step-Up DC/DC Converter/
Output Disconnect/Burst Mode Operation
93% Efficiency, VIN = 1.5V to 6V, VOUT(MAX) = 7.5V, IQ = 15μA,
ISD < 1μA, DFN12 Package
LTC3528
1A ISW, 1MHz, Synchronous Step-Up DC/DC Converter
with Output Disconnect/Burst Mode Operation
94% Efficiency, VIN = 700mV to 5.25V, VOUT(MAX) = 5.25V, IQ = 12µA,
ISD < 1µA, 3mm × 2mm DFN Package
LTC3539
2A ISW, 1MHz/2MHz, Synchronous Step-Up DC/DC Converters
with Output Disconnect/Burst Mode Operation
94% Efficiency, VIN = 700mV to 5.25V, VOUT(MAX) = 5.25V, IQ = 10µA,
ISD < 1µA, 3mm × 2mm DFN Package
LTC3459
70mA ISW, 10V Micropower Synchronous Boost Converter/
Output Disconnect/Burst Mode Operation
VIN = 1.5V to 5.5V, VOUT(MAX) = 10V, IQ = 10μA, ISD < 1μA,
ThinSOT™ Package
LTC3499
750mA Synchronous Step-Up DC/DC Converters with
Reverse-Battery Protection
94% Efficiency, VIN = 1.8V to 5.5V, VOUT(MAX) = 6V, IQ = 20µA,
ISD < 1µA, 3mm × 3mm DFN and MSOP Packages
LTC3115-1
40V, 2A Synchronous Buck-Boost DC/DC Converter
95% Efficiency, VIN = 2.7V to 40V, VOUT(MAX) = 40V, IQ = 50µA,
ISD < 3µA, 4mm × 5mm DFN and TSSOP Packages
LTC3122
2.5A ISW, 3MHz, Synchronous Step-Up DC/DC Converter with
Output Disconnect, Burst Mode Operation
95% Efficiency, VIN = 1.8V to 5.5V [500mV After Start-Up],
VOUT(MAX) = 15V, IQ = 25µA, ISD < 1µA, 3mm × 4mm DFN and MSOP
Packages
LTC3124
5A ISW, 6MHz, Dual Phase, Synchronous Step-Up DC/DC
Converter with Output Disconnect, Burst Mode Operation
95% Efficiency, VIN = 1.8V to 5.5V [500mV After Start-Up],
VOUT(MAX) = 15V, IQ = 25µA, ISD < 1µA, 3mm × 5mm DFN and TSSOP
Packages
3121 TA09a
VIN
VOUT
LTC3121
SGND
PGND
RC
43.2k
CC
1nF
SW
L1
3.3µH
R2
121k
R1
383k
CF
68pF
CVCC
4.7µF
C1
100nF
COUT
47µF
VOUT
5V
RT
57.6k
VIN
0.5V TO 5V
CIN, CVCC: 4.7µF, 6.3V, X7R, 1206
C1: 100nF, 6.3V, X7R, 1206
COUT: 47µF, 6.3V, X7R, 1812
L1: TDK SPM6530T-3R3M
SC1, SC2: MAXWELL BCAP0050-P270
SD
SC1
50F
SC2
50F
PWM/SYNC
RT
VCC
CAP
FB
VC
ON
OFF
CIN
4.7µF
200s/DIV
3121 TA09b
SD
2V/DIV
OUTPUT
CURRENT
50mA/DIV
VOUT
5V/DIV
VIN
2V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com