Electronic Components Datasheet Search
  English  ▼

X  

LTC3121 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3121
Description  15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3121 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3121 Datasheet HTML 12Page - Linear Technology LTC3121 Datasheet HTML 13Page - Linear Technology LTC3121 Datasheet HTML 14Page - Linear Technology LTC3121 Datasheet HTML 15Page - Linear Technology LTC3121 Datasheet HTML 16Page - Linear Technology LTC3121 Datasheet HTML 17Page - Linear Technology LTC3121 Datasheet HTML 18Page - Linear Technology LTC3121 Datasheet HTML 19Page - Linear Technology LTC3121 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LTC3121
16
3121fa
For more information www.linear.com/LTC3121
The current mode zero (Z3) is a right half plane zero
which can be an issue in feedback control design, but is
manageable with proper external component selection.
As a general rule, the frequency at which the open-loop
gain of the converter is reduced to unity, known as the
crossover frequency ƒC, should be set to less than one
third of the right half plane zero (Z3), and under one eighth
of the switching frequency ƒOSC. Once ƒC is selected, the
valuesforthecompensationcomponentscanbecalculated
using a bode plot of the power stage or two generally valid
assumptions: P1 dominates the gain of the power stage
for frequencies lower than ƒC and ƒC is much higher than
P2. First calculate the power stage gain at ƒC, GƒC in V/V.
AssumingtheoutputpoleP1dominatesGƒCforthisrange,
it is expressed by:
GƒC ≈
GDC
1+
ƒC
P1
⎛
⎝
⎜
⎞
⎠
⎟
2
V/V
Decide how much phase margin (Φm) is desired. Greater
phasemargincanoffermorestabilitywhilelowerphasemar-
gin can yield faster transient response. Typically, Φm≈60°
is optimal for minimizing transient response time while
allowing sufficient margin to account for component vari-
ability. Φ1 is the phase boost of Z1, P2, and P5 while Φ2 is
the phase boost of Z4 and P4. Select Φ1 and Φ2 such that
Φ1 ≤ 74°; Φ2 ≤ 2 • tan
−1
VOUT
1.2V
⎛
⎝
⎜
⎞
⎠
⎟− 90° and
Φ1+ Φ2 = Φm +tan
−1 ƒ
C
Z3
⎛
⎝
⎜
⎞
⎠
⎟
where VOUT is in V and ƒC and Z3 are in kHz.
Setting Z1, P5, Z4, and P4 such that
Z1=
ƒC
a1
, P5 = ƒC a1, Z4 =
ƒC
a2
, P4 = ƒC a2
allows a1 and a2 to be determined using Φ1 and Φ2
a1 = tan2
Φ1+ 90°
2
⎛
⎝
⎜
⎞
⎠
⎟, a2 = tan
2 Φ2 +90°
2
⎛
⎝
⎜
⎞
⎠
⎟
The compensation will force the converter gain GBOOST
to unity at ƒC by using the following expression for CC:
CC =
103 • gma •R2 •GƒC a1 − 1
(
) a2
2π • ƒC • R1+R2
(
) a1
pF
(gma in µS, ƒC in kHz, GƒC in V/V)
Once CC is calculated, RC and CF are determined by:
RC =
106 • a1
2π • ƒC •CC
kΩ (ƒC in kHz, CC in pF)
CF =
CC
a1 − 1
The values of the phase lead components are given by
the expressions:
RPL =
R1− a2 •
R1•R2
R1+R2
⎛
⎝
⎜
⎞
⎠
⎟
a2 −1
kΩ and
CPL =
106 a2 −1
(
) R1+R2
(
)
2π • ƒC •R1
2 a2
pF
where R1, R2, and RPL are in kΩ and ƒC is in kHz.
Note that selecting Φ2 = 0° forces a2 = 1, and so the
converter will have Type II compensation and therefore
no feedforward: RPL is open (infinite impedance) and CPL
= 0pF. If a2 = 0.833 • VOUT (its maximum), feedforward is
maximized; RPL = 0 and CPL is maximized for this com-
pensation method.
Once the compensation values have been calculated, ob-
taining a converter bode plot is strongly recommended to
verify calculations and adjust values as required.
Using the circuit in Figure 5 as an example, Table 3 shows
the parameters used to generate the bode plot shown in
Figure 6.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com