Electronic Components Datasheet Search
  English  ▼

X  

LTC3121 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3121
Description  15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3121 Datasheet(HTML) 5 Page - Linear Technology

  LTC3121 Datasheet HTML 1Page - Linear Technology LTC3121 Datasheet HTML 2Page - Linear Technology LTC3121 Datasheet HTML 3Page - Linear Technology LTC3121 Datasheet HTML 4Page - Linear Technology LTC3121 Datasheet HTML 5Page - Linear Technology LTC3121 Datasheet HTML 6Page - Linear Technology LTC3121 Datasheet HTML 7Page - Linear Technology LTC3121 Datasheet HTML 8Page - Linear Technology LTC3121 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTC3121
5
3121fa
For more information www.linear.com/LTC3121
Typical perForMance characTerisTics
Burst Mode Maximum Output
Current vs VIN
Burst Mode No Load Input Current
vs VIN
Burst Mode Quiescent Current
Change vs Temperature
SD Pin Threshold
Frequency vs RT
Frequency Accuracy
PWM Mode Maximum Output
Current vs VIN
Peak Current Limit Change
vs Temperature
PWM Operation No Load Input
Current vs VIN
VIN (V)
0.5
0.8
0.6
0.4
1.4
1.2
1.0
0.2
0
3.5
4.5
1.5
3121 G10
2.5
5.5
VOUT = 5V
VOUT = 7.5V
VOUT = 12V
VIN (V)
0
70
40
30
20
60
50
10
0
4
5
2
1
3121 G12
3
6
VOUT = 5V
VOUT = 7.5V
VOUT = 12V
VIN, FALLING (V)
0.5
350
200
150
100
300
250
50
0
4.5
2.5
1.5
3121 G13
3.5
5.5
VOUT = 2.2V
VOUT = 5V
VOUT = 7.5V
VOUT = 12V
VIN, FALLING (V)
0.5
10000
1000
100
10
4.5
2.5
1.5
3121 G14
3.5
5.5
VOUT = 5V
VOUT = 7.5V
VOUT = 12V
TEMPERATURE (°C)
–50
75
60
45
30
15
0
–15
70
110
–10
3121 G15
30
150
TEMPERATURE (°C)
–50
2
1
0
–1
–2
–3
–4
70
110
–10
3121 G11
30
150
RT (k)
0
3.0
2.0
1.5
1.0
2.5
0.5
0
12
8
6
4
10
2
0
400
200
100
3121 G17
300
600
500
FREQUENCY
PERIOD
VIN FALLING (V)
0
4
2
1
0
–1
3
–2
–3
–4
4
2
1
3121 G18
3
6
5
VOUT = 15V
VOUT = 3.6V
VOUT = 2.2V
1s/DIV
3121 G16
VOUT
5V/DIV
VSD
500mV/DIV
900mV
400mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com