Electronic Components Datasheet Search
  English  ▼

X  

LTC3121 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3121
Description  15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3121 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3121 Datasheet HTML 8Page - Linear Technology LTC3121 Datasheet HTML 9Page - Linear Technology LTC3121 Datasheet HTML 10Page - Linear Technology LTC3121 Datasheet HTML 11Page - Linear Technology LTC3121 Datasheet HTML 12Page - Linear Technology LTC3121 Datasheet HTML 13Page - Linear Technology LTC3121 Datasheet HTML 14Page - Linear Technology LTC3121 Datasheet HTML 15Page - Linear Technology LTC3121 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LTC3121
12
3121fa
For more information www.linear.com/LTC3121
applicaTions inForMaTion
PCB LAYOUT GUIDELINES
The high switching frequency of the LTC3121 demands
careful attention to board layout. A careless layout will
result in reduced performance. Maximizing the copper
area for ground will help to minimize die temperature rise.
A multilayer board with a separate ground plane is ideal,
but not absolutely necessary. See Figure 3 for an example
of a two-layer board layout.
COMPONENT SELECTION
Inductor Selection
TheLTC3121canutilizesmallsurfacemountinductorsdue
to its capability of setting a fast (up to 3MHz) switching
frequency. Larger values of inductance will allow slightly
greater output current capability by reducing the inductor
ripple current. To design a stable converter the range of
inductance values is bounded by the targeted magnitude
oftheinternalslopecompensationandisinverselypropor-
tional to the switching frequency. The inductor selection
for the LTC3121 has the following bounds:
10
f
µH > L >
3
f
µH
The inductor peak-to-peak ripple current is given by the
following equation:
RIPPLE(A) =
VIN •(VOUT – VIN)
f •L • VOUT
where:
L = Inductor Value in µH
f = Switching Frequency in MHz
The inductor ripple current is a maximum at the minimum
inductor value. Substituting 3/f for the inductor value in
the above equation yields the following:
RIPPLEMAX(A) =
VIN •(VOUT – VIN)
3 • VOUT
To realize greater output current capability at the guaran-
teed minimum (over temperature) 1.5A current limit, it is
recommendedthattheinductorripplecurrentbelimitedto
one-thirdofthisminimumvalue,ortoapproximately0.5A.
Choosing a minimum inductor value of 6/f μH (where f =
switching frequency in MHz) or greater typically results in
an inductor ripple current of 0.5A or less for the majority of
step-upratios.Highfrequencyferritecoreinductormateri-
als reduce frequency dependent power losses compared
to cheaper powdered iron types, improving efficiency.
Figure 3. Traces Carrying High Current Are Direct (PGND, SW, VIN
and VOUT). Trace Area at FB and VC Are Kept Low. Trace Length to
Input Supply Should Be Kept Short. VIN and VOUT Ceramic Capacitors
Should Be Placed as Close to the LTC3121 Pins as Possible
12
11
10
9
8
7
13
PGND
3121 F02
VIN
PGND
1
2
3
4
5
6
SGND
FB
SW
VCC
VOUT
PGND
CAP
VC
RT
SCHOTTKY DIODE
Although it is not required, adding a Schottky diode from
SW to VOUT can improve the converter efficiency by about
4%.Notethatthisdefeatstheoutputdisconnectandshort-
circuit protection features of the LTC3121.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com