Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4630
Description  Dual 18A or Single 36A DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4630 Datasheet HTML 2Page - Linear Technology LTM4630 Datasheet HTML 3Page - Linear Technology LTM4630 Datasheet HTML 4Page - Linear Technology LTM4630 Datasheet HTML 5Page - Linear Technology LTM4630 Datasheet HTML 6Page - Linear Technology LTM4630 Datasheet HTML 7Page - Linear Technology LTM4630 Datasheet HTML 8Page - Linear Technology LTM4630 Datasheet HTML 9Page - Linear Technology LTM4630 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LTM4630
6
4630fa
For more information www.linear.com/LTM4630
TYPICAL PERFORMANCE CHARACTERISTICS
Single Phase Short Circuit
Protection with 18A
Single Phase Start-up with 18A
Single Phase Short Circuit
Protection with No load
20ms/DIV
VSW
10V/Div
VOUT
0.5V/Div
IIN
1A/Div
4630 G10
12VIN, 1.2VOUT, 450kHz
COUT = 1 • 470µF 4V POSCAP + 1 • 100µF
6.3V CERAMIC, CSS = 0.1µF
50µs/DIV
VSW
10V/Div
VOUT
0.5V/Div
IIN
1A/Div
4630 G11
12VIN, 1.2VOUT, 450kHz
COUT = 1 • 470µF 4V POSCAP + 1 • 100µF
6.3V CERAMIC
50µs/DIV
VSW
10V/Div
VOUT
0.5V/Div
IIN
1A/Div
4630 G12
12VIN, 1.2VOUT, 450kHz
COUT = 1 • 470µF 4V POSCAP + 1 • 100µF
6.3V CERAMIC
1.5V Single Phase Output Load
Transient Response
1.8V Single Phase Output Load
Transient Response
Single Phase Start-Up with No load
20µs/DIV
VOUT(AC)
50mV/Div
LOAD STEP
2A/DIV
4630 G07
12VIN, 1.5VOUT, 450kHz, 4.5A LOAD STEP,
4.5A/µs STEP-UP AND STEP-DOWN
COUT = 1 • 470µF 4V POSCAP + 1 • 100µF
6.3V CERAMIC
20µs/DIV
VOUT(AC)
50mV/Div
LOAD STEP
2A/DIV
4630 G08
12VIN, 1.8VOUT, 450kHz, 4.5A LOAD STEP,
4.5A/µs STEP-UP AND STEP-DOWN
COUT = 1 • 470µF 4V POSCAP + 1 • 100µF
6.3V CERAMIC
20ms/DIV
VSW
10V/Div
VOUT
0.5V/Div
IIN
0.2A/Div
4630 G09
12VIN, 1.2VOUT, 450kHz
COUT = 1 • 470µF 4V POSCAP + 1 • 100µF
6.3V CERAMIC, CSS = 0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com