Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 34 Page - Linear Technology

Part # LTM4630
Description  Dual 18A or Single 36A DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTM4630 Datasheet HTML 26Page - Linear Technology LTM4630 Datasheet HTML 27Page - Linear Technology LTM4630 Datasheet HTML 28Page - Linear Technology LTM4630 Datasheet HTML 29Page - Linear Technology LTM4630 Datasheet HTML 30Page - Linear Technology LTM4630 Datasheet HTML 31Page - Linear Technology LTM4630 Datasheet HTML 32Page - Linear Technology LTM4630 Datasheet HTML 33Page - Linear Technology LTM4630 Datasheet HTML 34Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
LTM4630
34
4630fa
For more information www.linear.com/LTM4630
LINEAR TECHNOLOGY CORPORATION 2013
LT 0314 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTM4630
RELATED PARTS
PACKAGE PHOTO
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
PART NUMBER DESCRIPTION
COMMENTS
LTM4620
Dual 13A Single 26A µModule Regulator
Pin Compatible with LTM4630; 4.5V ≤ VIN ≤ 16V, 0.6V ≤ VOUT ≤ 2.5V,
15mm × 15mm × 4.32mm
LTM4628
Dual 8A, Single 16A µModule Regulator
Pin Compatible with LTM4630; 4.5V ≤ VIN ≤ 26.5V, 0.6V ≤ VOUT ≤ 5.5V,
15mm × 15mm × 4.32mm
LTM4627
15A µModule Regulator
4.5V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5.5V, 15mm × 15mm × 4.32mm
LTM4611
Ultralow VIN, 15A µModule Regulator
1.5V ≤ VIN ≤ 5.5V, 0.8V ≤ VOUT ≤ 5V, 15mm × 15mm × 4.32mm
LTM4619
Dual 26VIN, 4A DC/DC µModule Regulator
4.5V ≤ VIN ≤ 26.5V; 0.8V ≤ VOUT ≤ 5V
LTM4615
Triple Low VIN, 4A DC/DC µModule Regulator
2.375 ≤ VIN ≤ 5.5V; Two 4A and One 1.5A Output
LTM4616
Dual 8A, Low VIN, DC/DC µModule Regulator
2.7V ≤ VIN ≤ 5.5V; 0.6V ≤ VOUT ≤ 5V
LTM8062/
LTM8062A
32VIN, 2A µModule Battery Charger with Maximum
Peak Power Tracking (MPPT)
Adjustable VBATT Up to 14.4V (18.8V for the LTM8062A), C/10 or Timer
Termination, 9mm × 15mm × 4.32mm LGA Package
LTM8027
60VIN, 4A DC/DC Step-Down µModule Regulator
4.5V ≤ VIN ≤ 60V, 2.5V ≤ VOUT ≤ 24V, 15mm × 15mm × 4.32mm LGA Package
LTM4613
EN55022B Compliant 36VIN, 8A Step-Down
µModule Regulator
5V ≤ VIN ≤ 36V, 3.3V ≤ VOUT ≤ 15V, Synchronizable, Parallelable,
15mm × 15mm × 4.32mm LGA Package
LGA
BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com