Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 23 Page - Linear Technology

Part # LTM4630
Description  Dual 18A or Single 36A DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM4630 Datasheet HTML 19Page - Linear Technology LTM4630 Datasheet HTML 20Page - Linear Technology LTM4630 Datasheet HTML 21Page - Linear Technology LTM4630 Datasheet HTML 22Page - Linear Technology LTM4630 Datasheet HTML 23Page - Linear Technology LTM4630 Datasheet HTML 24Page - Linear Technology LTM4630 Datasheet HTML 25Page - Linear Technology LTM4630 Datasheet HTML 26Page - Linear Technology LTM4630 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
LTM4630
23
4630fa
For more information www.linear.com/LTM4630
APPLICATIONS INFORMATION
Figure 12. Recommended PCB Layout (LGA Shown, for BGA Use Circle Pads)
GND
GND
GND
SGND
CNTRL
CNTRL
VOUT1
COUT1
COUT2
VOUT2
VIN
CIN1
CIN2
1
2
3
4
5
6
7
8
10
9
11
12
L
K
J
H
G
F
E
D
C
B
M
A
4630 F12
Table 2. 1.0V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figures 15, 16
5, 12
Figure 13
0
None
7
Figures 15, 16
5, 12
Figure 13
200
None
6
Figures 15, 16
5, 12
Figure 13
400
None
5.5
Figures 17, 18
5, 12
Figure 13
0
BGA Heat Sink
6.5
Figures 17, 18
5, 12
Figure 13
200
BGA Heat Sink
5
Figures 17, 18
5, 12
Figure 13
400
BGA Heat Sink
4
Table 3. 1.5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figures 19, 20
5, 12
Figure 14
0
None
7
Figures 19, 20
5, 12
Figure 14
200
None
6
Figures 19, 20
5, 12
Figure 14
400
None
5.5
Figures 21, 22
5, 12
Figure 14
0
BGA Heat Sink
6.5
Figures 21, 22
5, 12
Figure 14
200
BGA Heat Sink
4
Figures 21, 22
5, 12
Figure 14
400
BGA Heat Sink
3.5
HEAT SINK MANUFACTURER
PART NUMBER
WEBSITE
Aavid Thermalloy
375424B00034G
www.aavid.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com