Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 25 Page - Linear Technology

Part # LTM4630
Description  Dual 18A or Single 36A DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTM4630 Datasheet HTML 21Page - Linear Technology LTM4630 Datasheet HTML 22Page - Linear Technology LTM4630 Datasheet HTML 23Page - Linear Technology LTM4630 Datasheet HTML 24Page - Linear Technology LTM4630 Datasheet HTML 25Page - Linear Technology LTM4630 Datasheet HTML 26Page - Linear Technology LTM4630 Datasheet HTML 27Page - Linear Technology LTM4630 Datasheet HTML 28Page - Linear Technology LTM4630 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
LTM4630
25
4630fa
For more information www.linear.com/LTM4630
APPLICATIONS INFORMATION
Figure 16. 5V to 1V Derating
Curve, No Heat Sink
Figure 17. 12V to 1V Derating
Curve, BGA Heat Sink
Figure 18. 5V to 1V Derating
Curve, BGA Heat Sink
Figure 19. 12V to 1.5V Derating
Curve, No Heat Sink
Figure 20. 5V to 1.5V Derating
Curve, No Heat Sink
Figure 21. 12V to 1.5V Derating
Curve, BGA Heat Sink
Figure 22. 5V to 1.5V Derating
Curve, BGA Heat Sink
AMBIENT TEMPERATURE (°C)
30
20
25
30
110
4630 F16
15
10
0
50
70
90
40
120
60
80
100
5
40
35
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30
20
25
30
110
4630 F1t
15
10
0
50
70
90
40
120
60
80
100
5
40
35
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30
20
25
30
110
4630 F18
15
10
0
50
70
90
40
120
60
80
100
5
40
35
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30
20
25
30
110
4630 F19
15
10
0
50
70
90
40
120
60
80
100
5
40
35
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30
20
25
30
110
4630 F20
15
10
0
50
70
90
40
120
60
80
100
5
40
35
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30
20
25
30
110
4630 F21
15
10
0
50
70
90
40
120
60
80
100
5
40
35
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30
20
25
30
110
4630 F22
15
10
0
50
70
90
40
120
60
80
100
5
40
35
0LFM
200LFM
400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com