Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4630
Description  Dual 18A or Single 36A DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 1 Page - Linear Technology

  LTM4630 Datasheet HTML 1Page - Linear Technology LTM4630 Datasheet HTML 2Page - Linear Technology LTM4630 Datasheet HTML 3Page - Linear Technology LTM4630 Datasheet HTML 4Page - Linear Technology LTM4630 Datasheet HTML 5Page - Linear Technology LTM4630 Datasheet HTML 6Page - Linear Technology LTM4630 Datasheet HTML 7Page - Linear Technology LTM4630 Datasheet HTML 8Page - Linear Technology LTM4630 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LTM4630
1
4630fa
For more information www.linear.com/LTM4630
TYPICAL APPLICATION
DESCRIPTION
Dual 18A or Single 36A
DC/DC µModule Regulator
TheLTM®4630isadual18Aorsingle36Aoutputswitching
modestep-downDC/DCµModule®(micromodule)regula-
tor. Included in the package are the switching controllers,
power FETs, inductors, and all supporting components.
Operating from an input voltage range of 4.5V to 15V, the
LTM4630supportstwooutputseachwithanoutputvoltage
range of 0.6V to 1.8V, each set by a single external resistor.
Its high efficiency design delivers up to 18A continuous
current for each output. Only a few input and output ca-
pacitors are needed. The LTM4630 is pin compatible with
the LTM4620 and LTM4620A (dual 13A, single 26A) and
the LTM4628 (dual 8A, single 16A).
The device supports frequency synchronization, multi-
phase operation, Burst Mode operation and output voltage
tracking for supply rail sequencing and has an onboard
temperaturediodefordevicetemperaturemonitoring.High
switchingfrequencyandacurrentmodearchitectureenable
a very fast transient response to line and load changes
without sacrificing stability.
Fault protection features include overvoltage and
overcurrent protection. The LTM4630 is offered in 16mm
× 16mm × 4.41mm LGA and 16mm × 16mm ×5.01mm
BGA packages. The LTM4630 is ROHS compliant.
FEATURES
APPLICATIONS
n
Dual 18A or Single 36A Output
n
Wide Input Voltage Range: 4.5V to 15V
n
Output Voltage Range: 0.6V to 1.8V
n
±1.5% Maximum Total DC Output Error Over Line,
Load and Temperature
n
Differential Remote Sense Amplifier
n
Current Mode Control/Fast Transient Response
n
Adjustable Switching Frequency
n
Overcurrent Foldback Protection
n
Multiphase Parallel Current Sharing with Multiple
LTM4630s Up to 144A
n
Frequency Synchronization
n
Internal Temperature Monitor
n
Pin Compatible with the LTM4620 and LTM4620A (Dual
13A, Single 26A) and LTM4628 (Dual 8A, Single 16A)
n
Selectable Burst Mode® Operation
n
Soft-Start/Voltage Tracking
n
Output Overvoltage Protection
n
16mm
× 16mm × 4.41mm LGA and 16mm × 16mm ×
5.01mm BGA Packages
n
Telecom and Networking Equipment
n
Storage and ATCA Cards
n
Industrial Equipment
L
, LT, LTC, LTM, Linear Technology, the Linear logo, µModule, Burst Mode and PolyPhase are
registered trademarks of Linear Technology Corporation. All other trademarks are the property
of their respective owners. Protected by U.S. Patents, including 5481178, 5705919, 5929620,
6100678, 6144194, 6177787, 6304066 and 6580258. Other patents pending.
36A, 1.2V Output DC/DC µModule Regulator
4630 TA01a
LTM4630
VIN
TEMP
RUN1
RUN2
TRACK1
TRACK2
fSET
470µF
6.3V
60.4k
100µF
6.3V
PHASMD
VOUT1
VOUTS1
SW1
VFB1
VFB2
COMP1
COMP2
VOUTS2
VOUT2
SW2
PGOOD2
PGOOD
MODE_PLLIN CLKOUT INTVCC
EXTVCC PGOOD1
PGOOD
10k
SGND
GND
DIFFP
DIFFN
DIFFOUT
470µF
6.3V
100µF
6.3V
121k
10k
5.1V
120k
0.1µF
22µF
25V
×4
4.7µF
INTVCC
+
+
VOUT
1.2V
36A
VIN
4.5V TO 15V
1.2VOUT Efficiency vs IOUT
OUTPUT CURRENT (A)
0
65
90
85
80
75
70
95
10 12 14 16 18
2
4
6
4630 TA01b
8
VIN = 5V
VIN = 12V


Similar Part No. - LTM4630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4630 LINER-LTM4630 Datasheet
1Mb / 28P
Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTM4630 LINER-LTM4630 Datasheet
519Kb / 32P
Triple 10A Step-DownDC/DC 關Module Regulator
LTM4630 LINER-LTM4630 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
LTM4630 LINER-LTM4630 Datasheet
1Mb / 36P
40A DC/DC 關Module Regulator
LTM4630 LINER-LTM4630 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
More results

Similar Description - LTM4630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4628 LINER-LTM4628 Datasheet
704Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4630 LINER-LTM4630_15 Datasheet
643Kb / 34P
Dual 18A or Single 36A DC/DC Module Regulator
LTM4630-1 LINER-LTM4630-1_15 Datasheet
1Mb / 36P
Dual 18A or Single 36A Module Regulator with 0.8% DC and 3% Transient Accuracy
LTM4677EY LINER-LTM4677EY Datasheet
1Mb / 12P
Dual 18A or Single 36A 關Module Regulator
LTM4630EY-1 LINER-LTM4630EY-1 Datasheet
883Kb / 8P
Dual 18A or Single 36A 關Module Regulator with 짹0.8% DC and 짹3% Transient Accuracy
LTM4630EV LINER-LTM4630EV Datasheet
803Kb / 8P
High Efficiency Dual 18A or Single 36A 關Module Regulator
LTM4630A LINER-LTM4630A Datasheet
1Mb / 38P
Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4650 LINER-LTM4650 Datasheet
720Kb / 34P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650AEY LINER-LTM4650AEY Datasheet
1Mb / 12P
Dual 25A or Single 50A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com