Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 30 Page - Linear Technology

Part # LTM4630
Description  Dual 18A or Single 36A DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTM4630 Datasheet HTML 26Page - Linear Technology LTM4630 Datasheet HTML 27Page - Linear Technology LTM4630 Datasheet HTML 28Page - Linear Technology LTM4630 Datasheet HTML 29Page - Linear Technology LTM4630 Datasheet HTML 30Page - Linear Technology LTM4630 Datasheet HTML 31Page - Linear Technology LTM4630 Datasheet HTML 32Page - Linear Technology LTM4630 Datasheet HTML 33Page - Linear Technology LTM4630 Datasheet HTML 34Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
LTM4630
30
4630fa
For more information www.linear.com/LTM4630
LTM4630 Component LGA and BGA Pinout
PACKAGE DESCRIPTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
A1
VOUT1
B1
VOUT1
C1
VOUT1
D1
GND
E1
GND
F1
GND
A2
VOUT1
B2
VOUT1
C2
VOUT1
D2
GND
E2
GND
F2
GND
A3
VOUT1
B3
VOUT1
C3
VOUT1
D3
GND
E3
GND
F3
GND
A4
VOUT1
B4
VOUT1
C4
VOUT1
D4
GND
E4
GND
F4
MODE_PLLIN
A5
VOUT1
B5
VOUT1
C5
VOUT1S
D5
VFB1
E5
TRACK1
F5
RUN1
A6
GND
B6
GND
C6
fSET
D6
SGND
E6
COMP1
F6
SGND
A7
GND
B7
GND
C7
SGND
D7
VFB2
E7
COMP2
F7
SGND
A8
VOUT2
B8
VOUT2
C8
VOUT2S
D8
TRACK2
E8
DIFFP
F8
DIFFOUT
A9
VOUT2
B9
VOUT2
C9
VOUT2
D9
GND
E9
DIFFN
F9
RUN2
A10
VOUT2
B10
VOUT2
C10
VOUT2
D10
GND
E10
GND
F10
GND
A11
VOUT2
B11
VOUT2
C11
VOUT2
D11
GND
E11
GND
F11
GND
A12
VOUT2
B12
VOUT2
C12
VOUT2
D12
GND
E12
GND
F12
GND
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
G1
GND
H1
GND
J1
GND
K1
GND
L1
GND
M1
GND
G2
SW1
H2
GND
J2
VIN
K2
VIN
L2
VIN
M2
VIN
G3
GND
H3
GND
J3
VIN
K3
VIN
L3
VIN
M3
VIN
G4
PHASEMD
H4
GND
J4
VIN
K4
VIN
L4
VIN
M4
VIN
G5
CLKOUT
H5
GND
J5
GND
K5
GND
L5
VIN
M5
VIN
G6
SGND
H6
GND
J6
TEMP
K6
GND
L6
VIN
M6
VIN
G7
SGND
H7
GND
J7
EXTVCC
K7
GND
L7
VIN
M7
VIN
G8
PGOOD2
H8
INTVCC
J8
GND
K8
GND
L8
VIN
M8
VIN
G9
PGOOD1
H9
GND
J9
VIN
K9
VIN
L9
VIN
M9
VIN
G10
GND
H10
GND
J10
VIN
K10
VIN
L10
VIN
M10
VIN
G11
SW2
H11
GND
J11
VIN
K11
VIN
L11
VIN
M11
VIN
G12
GND
H12
GND
J12
GND
K12
GND
L12
GND
M12
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com