Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4630
Description  Dual 18A or Single 36A DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4630 Datasheet HTML 6Page - Linear Technology LTM4630 Datasheet HTML 7Page - Linear Technology LTM4630 Datasheet HTML 8Page - Linear Technology LTM4630 Datasheet HTML 9Page - Linear Technology LTM4630 Datasheet HTML 10Page - Linear Technology LTM4630 Datasheet HTML 11Page - Linear Technology LTM4630 Datasheet HTML 12Page - Linear Technology LTM4630 Datasheet HTML 13Page - Linear Technology LTM4630 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
LTM4630
10
4630fa
For more information www.linear.com/LTM4630
OPERATION
Power Module Description
The LTM4630 is a dual-output standalone nonisolated
switching mode DC/DC power supply. It can provide two
18A outputs with few external input and output capacitors
and setup components. This module provides precisely
regulated output voltages programmable via external
resistors from 0.6VDC to 1.8VDC over 4.5V to 15V input
voltages. The typical application schematic is shown in
Figure 23.
The LTM4630 has dual integrated constant-frequency cur-
rent mode regulators and built-in power MOSFET devices
with fast switching speed. The typical switching frequency
is 500kHz. For switching-noise sensitive applications, it
can be externally synchronized from 400kHz to 780kHz. A
resistor can be used to program a free run frequency on
the FSET pin. See the Applications Information section.
With current mode control and internal feedback loop
compensation, the LTM4630 module has sufficient stabil-
ity margins and good transient performance with a wide
range of output capacitors, even with all ceramic output
capacitors.
Current mode control provides cycle-by-cycle fast current
limitandfoldbackcurrentlimitinanovercurrentcondition.
Internal overvoltage and undervoltage comparators pull
the open-drain PGOOD outputs low if the output feedback
voltage exits a ±10% window around the regulation point.
As the output voltage exceeds 10% above regulation, the
bottom MOSFET will turn on to clamp the output voltage.
ThetopMOSFETwillbeturnedoff.Thisovervoltageprotect
is feedback voltage referred.
Pulling the RUN pins below 1.1V forces the regulators
into a shutdown state, by turning off both MOSFETs.
The TRACK pins are used for programming the output
voltage ramp and voltage tracking during start-up or
used for soft-starting the regulator. See the Applications
Information section.
TheLTM4630isinternallycompensatedtobestableoverall
operatingconditions.Table4providesaguidelineforinput
and output capacitances for several operating conditions.
The Linear Technology µModule Power Design Tool will be
provided for transient and stability analysis. The VFB pin is
used to program the output voltage with a single external
resistor to ground. A differential remote sense amplifier is
available for sensing the output voltage accurately on one
of the outputs at the load point, or in parallel operation
sensing the output voltage at the load point.
Multiphase operation can be easily employed with the
MODE_PLLIN, PHASMD, and CLKOUT pins. Up to 12
phases can be cascaded to run simultaneously with re-
spect to each other by programming the PHASMD pin to
different levels. See the Applications Information section.
High efficiency at light loads can be accomplished with
selectable Burst Mode operation or pulse-skipping opera-
tion using the MODE_PLLIN pin. These light load features
will accommodate battery operation. Efficiency graphs are
providedforlightloadoperationintheTypicalPerformance
Characteristics section. See the Applications Information
section for details.
A general purpose temperature diode is included inside
the module to monitor the temperature of the module. See
the Applications Information section for details.
The switch pins are available for functional operation
monitoring and a resistor-capacitor snubber circuit can
be careful placed on the switch pin to ground to dampen
any high frequency ringing on the transition edges. See
the Applications Information section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com