Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4630
Description  Dual 18A or Single 36A DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4630 Datasheet HTML 12Page - Linear Technology LTM4630 Datasheet HTML 13Page - Linear Technology LTM4630 Datasheet HTML 14Page - Linear Technology LTM4630 Datasheet HTML 15Page - Linear Technology LTM4630 Datasheet HTML 16Page - Linear Technology LTM4630 Datasheet HTML 17Page - Linear Technology LTM4630 Datasheet HTML 18Page - Linear Technology LTM4630 Datasheet HTML 19Page - Linear Technology LTM4630 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
LTM4630
16
4630fa
For more information www.linear.com/LTM4630
APPLICATIONS INFORMATION
Figure 7. Output Coincident Tracking Waveform
Figure 6. Example of Output Tracking Application Circuit
TIME
MASTER OUTPUT
SLAVE OUTPUT
4630 F07
4630 F06
LTM4630
VIN
TEMP
RUN1
RUN2
TRACK1
TRACK2
fSET
C8
470µF
6.3V
RFB
60.4k
R2
10k
C6
100µF
6.3V
PHASMD
VOUT1
VOUTS1
SW1
VFB1
VFB2
COMP1
COMP2
VOUTS2
VOUT2
SW2
PGOOD2
MODE_PLLIN
CLKOUT INTVCC EXTVCC PGOOD1
PGOOD
INTVCC
SGND
GND
1.5V
MASTER
RAMP TIME
tSOFTSTART = (CSS/1.3µA) • 0.6
* PULL-UP RESISTOR AND ZENER ARE OPTIONAL.
DIFFP
DIFFN
DIFFOUT
40.2k
PGOOD
SLAVE
1.2V AT 18A
1.5V AT 18A
C7
470µF
6.3V
C5
100µF
6.3V
R4
121k
RTB
60.4k
R1*
10k
D1*
5.1V ZENER
4V TO 15V INTERMEDIATE BUS
R6
100k
CSS
0.1µF
C1
22µF
25V
RTA
60.4k
C2
22µF
25V
C3
22µF
25V
C4
22µF
25V
C10
4.7µF
R9
10k
INTVCC
to INTVCC. After the 0.6V ramp, the TRACK pin will no
longer be in control, and the internal voltage reference
will control output regulation from the feedback divider.
Foldback current limit is disabled during this sequence
of turn-on during tracking or soft-starting. The TRACK
pins are pulled low when the RUN pin is below 1.2V. The
total soft-start time can be calculated as:
tSOFT-START =
CSS
1.3µA
 • 0.6
Regardless of the mode selected by the MODE_PLLIN pin,
the regulator channels will always start in pulse-skipping
mode up to TRACK = 0.5V. Between TRACK = 0.5V and
0.54V, it will operate in forced continuous mode and revert
to the selected mode once TRACK > 0.54V. In order to track
with another channel once in steady state operation, the
LTM4630 is forced into continuous mode operation as
soon as VFB is below 0.54V regardless of the setting on
the MODE_PLLIN pin.
Ratiometric tracking can be achieved by a few simple
calculations and the slew rate value applied to the master’s
TRACK pin. As mentioned above, the TRACK pin has a
control range from 0 to 0.6V. The master’s TRACK pin
slew rate is directly equal to the master’s output slew rate
in Volts/Time. The equation:
MR
SR
• 60.4k
= RTB
where MR is the master’s output slew rate and SR is the
slave’s output slew rate in Volts/Time. When coincident



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com