Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM4630
Description  Dual 18A or Single 36A DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM4630 Datasheet HTML 20Page - Linear Technology LTM4630 Datasheet HTML 21Page - Linear Technology LTM4630 Datasheet HTML 22Page - Linear Technology LTM4630 Datasheet HTML 23Page - Linear Technology LTM4630 Datasheet HTML 24Page - Linear Technology LTM4630 Datasheet HTML 25Page - Linear Technology LTM4630 Datasheet HTML 26Page - Linear Technology LTM4630 Datasheet HTML 27Page - Linear Technology LTM4630 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
LTM4630
24
4630fa
For more information www.linear.com/LTM4630
APPLICATIONS INFORMATION
Table 4. Output Voltage Response vs Component Matrix (Refer to Figure 23) 0A to 7A Load Step Typical Measured Values
VENDORS
VALUE
PART NUMBER
TDK, COUT1 Ceramic
100µF 6.3V
C4532X5R0J107MZ
Murata, COUT1 Ceramic
100µF 6.3V
GRM32ER60J107M
AVX, COUT1 Ceramic
100µF 6.3V
18126D107MAT
Sanyo POSCAP, COUT2 Bulk
470µF 2R5
2R5TPD470M5
Sanyo POSCAP, COUT2 Bulk
470µF 6.3V
6TPD470M
Sanyo, CIN Bulk
56µF 25V
25SVP56M
VOUT
(V)
CIN
(CERAMIC)
CIN
(BULK)
COUT
(CERAMIC)
COUT
(BULK)
CFF
(pF)
VIN
(V)
DROOP
(mV)
P-P
DEVIATION
(mV)
RECOVERY
TIME
(µs)
LOAD STEP
(A)
LOAD
STEP
(A/µs)
RFB
(kΩ)
FREQ
(kHz)
1
22uF
×2
150µF
100µF
470µF
None
5, 12
0
120
25
4.5
4.5
90.9
450
1
22uF
×2
150µF
100µF
× 4
None
None
5, 12
0
130
20
4.5
4.5
90.9
450
1.2
22uF
×2
150µF
100µF
470µF
None
5, 12
0
140
25
4.5
4.5
60.4
450
1.2
22uF
×2
150µF
100µF
× 4
None
None
5, 12
0
160
20
4.5
4.5
60.4
450
1.5
22uF
×2
150µF
100µF
470µF
None
5, 12
0
160
25
4.5
4.5
40.2
450
1.5
22uF
×2
150µF
100µF
× 4
None
None
5, 12
0
190
25
4.5
4.5
40.2
450
1.8
22uF
×2
150µF
100µF
470µF
None
5, 12
0
170
30
4.5
4.5
30.2
450
1.8
22uF
×2
150µF
100µF
× 4
None
None
5, 12
0
210
25
4.5
4.5
30.2
450
Figure 13. 1.0V Power Loss Curve
Figure 14. 1.5V Power Loss Curve
Figure 15. 12V to 1V Derating
Curve, No Heat Sink
LOAD CURRENT (A)
0
0
6
7
3
4
5
2
1
8
20
25
30
35
40
5
10
4630 F13
15
VIN = 5V
VIN = 12V
LOAD CURRENT (A)
0
0
6
7
3
4
5
2
1
8
20
25
30
35
40
5
10
4630 F14
15
VIN = 5V
VIN = 12V
AMBIENT TEMPERATURE (°C)
30
20
25
30
110
4630 F15
15
10
0
50
70
90
40
120
60
80
100
5
40
35
0LFM
200LFM
400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com