Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4630
Description  Dual 18A or Single 36A DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 5 Page - Linear Technology

  LTM4630 Datasheet HTML 1Page - Linear Technology LTM4630 Datasheet HTML 2Page - Linear Technology LTM4630 Datasheet HTML 3Page - Linear Technology LTM4630 Datasheet HTML 4Page - Linear Technology LTM4630 Datasheet HTML 5Page - Linear Technology LTM4630 Datasheet HTML 6Page - Linear Technology LTM4630 Datasheet HTML 7Page - Linear Technology LTM4630 Datasheet HTML 8Page - Linear Technology LTM4630 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LTM4630
5
4630fa
For more information www.linear.com/LTM4630
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS
Burst Mode and Pulse-Skip Mode
Efficiency VIN=12V, VOUT = 1.2V,
fS = 450kHz
1V Single Phase Output Load
Transient Response
1.2V Single Phase Output Load
Transient Response
Efficiency vs Output Current,
VIN = 5V, fS = 450kHz
Efficiency vs Output Current,
VIN = 12V, fS = 450kHz
Dual Phase Single Output Efficiency
vs Output Current, VIN = 12V,
fS = 450kHz
LOAD CURRENT (A)
0
75
95
90
85
80
100
10 12 14 16 18
2
4
6
4630 G01
8
VOUT = 1.8V
VOUT = 1.5V
VOUT = 1.2V
VOUT = 1V
LOAD CURRENT (A)
0
65
90
85
80
75
70
95
10 12 14 16 18
2
4
6
4630 G02
8
VOUT = 1.8V
VOUT = 1.5V
VOUT = 1.2V
VOUT = 1V
LOAD CURRENT (A)
0
65
90
85
80
75
70
95
20
25
30
35
40
5
10
4630 G03
15
VOUT = 1.8V
VOUT = 1.5V
VOUT = 1.2V
VOUT = 1V
LOAD CURRENT (A)
0.01
30
90
80
70
60
50
40
100
1
10
0.1
4630 G04
PULSE-SKIP MODE
Burst Mode OPERATION
CCM
20µs/DIV
VOUT(AC)
50mV/Div
LOAD STEP
2A/DIV
4630 G05
12VIN, 1VOUT, 450kHz, 4.5A LOAD STEP,
4.5A/µs STEP-UP AND STEP-DOWN
COUT = 1 • 470µF 4V POSCAP + 1 • 100µF
6.3V CERAMIC
20µs/DIV
VOUT(AC)
50mV/Div
LOAD STEP
2A/DIV
4630 G06
12VIN, 1.2VOUT, 450kHz, 4.5A LOAD STEP,
4.5A/µs STEP-UP AND STEP-DOWN
COUT = 1 • 470µF 4V POSCAP + 1 • 100µF
6.3V CERAMIC
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4630 is tested under pulsed load conditions such that
TJ ≈ TA. The LTM4630E is guaranteed to meet specifications from
0°C to 125°C internal temperature. Specifications over the –40°C to
125°C internal operating temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTM4630I is guaranteed over the full –40°C to 125°C internal operating
temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors.
Note 3: Two outputs are tested separately and the same testing condition
is applied to each output.
Note 4: The switching frequency is programmable from 400kHz to 750kHz.
Note 5: LTM4630 device is designed to operate from 400kHz to 750kHz
Note 6: These parameters are tested at wafer sort.
Note 7: See output current derating curves for different VIN, VOUT and TA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com