Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4644
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4644 Datasheet HTML 5Page - Linear Technology LTM4644 Datasheet HTML 6Page - Linear Technology LTM4644 Datasheet HTML 7Page - Linear Technology LTM4644 Datasheet HTML 8Page - Linear Technology LTM4644 Datasheet HTML 9Page - Linear Technology LTM4644 Datasheet HTML 10Page - Linear Technology LTM4644 Datasheet HTML 11Page - Linear Technology LTM4644 Datasheet HTML 12Page - Linear Technology LTM4644 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LTM4650A
9
4650afb
For more information www.linear.com/LTM4650A
PIN FUNCTIONS
VOUT1(A1–A5,B1–B5,C1–C4):PowerOutputPins.Apply
outputloadbetweenthesepinsandGNDpins.Recommend
placing output decoupling capacitance directly between
these pins and GND pins. Review Table 6.
GND(A6–A7,B6–B7,D1–D4,D9–D12,E1–E4,E10–E12,
F1–F3, F10–F12, G1, G3, G10, G12, H1–H7, H9–H12,
J1, J5, J8, J12, K1, K5–K8, K12, L1, L12, M1 , M12):
Power Ground Pins for Both Input and Output Returns.
VOUT2 (A8–A12, B8–B12, C9–C12): Power Output Pins.
Apply output load between these pins and GND pins. Rec-
ommend placing output decoupling capacitance directly
between these pins and GND pins. Review Table 6.
VOUTS1, VOUTS2 (C5, C8): This pin is connected to the top
of the internal top feedback resistor for each output. The
pin can be directly connected to its specific output, or
connected to DIFFOUT when the remote sense amplifier
is used. In paralleling modules, one of the VOUTS pins is
connectedtotheDIFFOUTpininremotesensingordirectly
to VOUT with no remote sensing. It is very important to
connect these pins to either the DIFFOUT or VOUT since
this is the feedback path, and cannot be left open. See the
Applications Information section.
fSET (C6): Frequency Set Pin. A 10µA current is sourced
from this pin. A resistor from this pin to ground sets a
voltage that in turn programs the operating frequency.
Alternatively, this pin can be driven with a DC voltage
that can set the operating frequency. See the Applications
Information section.
SGND(C7,D6,G6–G7,F6–F7):SignalGroundPin.Return
ground path for all analog and low power circuitry. Tie a
single connection to the output capacitor GND in the ap-
plication. See layout guidelines in Figure 14.
VFB1, VFB2 (D5, D7): The Negative Input of the Error Am-
plifier for Each Channel. Internally, this pin is connected
to VOUTS1 or VOUTS2 with a 60.4kΩ precision resistor.
Different output voltages can be programmed with an ad-
ditional resistor between VFBandGNDpins.InPolyPhase®
operation, tying the VFB pins together allows for parallel
operation. See the Applications Information section for
details. Do not drive this pin.
TRACK1, TRACK2 (E5, D8): Output Voltage Tracking Pin
and Soft-Start Inputs. Each channel has a 1.3µA pull-up
current source. When one channel is configured to be
master of the two channels, then a capacitor from this pin
to ground will set a soft-start ramp rate. The remaining
channel can be set up as the slave, and have the master’s
output applied through a voltage divider to the slave out-
put’s track pin. This voltage divider is equal to the slave
output’s feedback divider for coincidental tracking. See
the Applications Information section.
COMP1, COMP2 (E6, E7): Current control threshold and
error amplifier compensation point for each channel. The
current comparator threshold increases with this control
voltage. This device is internal compensated. See Applica-
tions Information section. Tie the COMP pins together for
parallel operation. Do not drive this pin.
DIFFP (E8): Positive input of the remote sense amplifier.
This pin is connected to the remote sense point of the
output voltage. Diffamp can be used for ≤3.3V outputs.
See the Applications Information section.
DIFFN (E9): Negative input of the remote sense amplifier.
This pin is connected to the remote sense point of the
output GND. Diffamp can be used for ≤3.3V outputs. See
the Applications Information section.
MODE_PLLIN (F4): Force Continuous Mode, Burst Mode
Operation, or Pulse-Skipping Mode Selection Pin and
External Synchronization Input to Phase Detector Pin.
Connect this pin to SGND to force both channels into
force continuous mode of operation. Connect to INTVCC
to enable pulse-skipping mode of operation. Leaving the
pin floating will enable Burst Mode operation. A clock on
the pin will force both channels into continuous mode of
operation and synchronized to the external clock applied
to this pin.
RUN1, RUN2 (F5, F9): Run Control Pin. A voltage above
1.25V will turn on each channel in the module. A voltage
below 1.25V on the RUN pin will turn off the related chan-
nel. Each RUN pin has a 1µA pull-up current, once the
RUN pin reaches 1.2V an additional 4.5µA pull-up current
is added to this pin.
(Recommended to Use Test Points to Monitor Signal Pin Connections.)
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com