Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4644
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4644 Datasheet HTML 6Page - Linear Technology LTM4644 Datasheet HTML 7Page - Linear Technology LTM4644 Datasheet HTML 8Page - Linear Technology LTM4644 Datasheet HTML 9Page - Linear Technology LTM4644 Datasheet HTML 10Page - Linear Technology LTM4644 Datasheet HTML 11Page - Linear Technology LTM4644 Datasheet HTML 12Page - Linear Technology LTM4644 Datasheet HTML 13Page - Linear Technology LTM4644 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
LTM4650A
10
4650afb
For more information www.linear.com/LTM4650A
PIN FUNCTIONS
DIFFOUT (F8): Internal Remote Sense Amplifier Output.
Connect this pin to VOUTS1 or VOUTS2 depending on which
output is using remote sense. In parallel operation con-
nect one of the VOUTS pin to DIFFOUT for remote sensing.
SW1, SW2 (G2, G11): Switching node of each channel
that is used for testing purposes. Also an R-C snubber
network can be applied to reduce or eliminate switch node
ringing, or otherwise leave floating. See the Applications
Information section.
PHASMD(G4):ConnectthispintoSGND,INTVCC,orfloat-
ing this pin to select the phase of CLKOUT to 60 degrees,
120 degrees, and 90 degrees respectively.
CLKOUT (G5): Clock output with phase control using the
PHASMD pin to enable multiphase operation between
devices. See the Applications Information section.
PGOOD1, PGOOD2 (G9, G8): Output Voltage Power
Good Indicator. Open drain logic output that is pulled to
ground when the output voltage is not within ±10% of
the regulation point.
INTVCC (H8): Internal 5V Regulator Output. The control
circuits and internal gate drivers are powered from this
voltage. Decouple this pin to PGND with a 4.7µF low ESR
tantalumorceramic.INTVCCisactivatedwheneitherRUN1
or RUN2 is activated.
TEMP (J6): Temperature Monitor. An internal diode con-
nectedNPNtransistorconnectedbetweenTEMPandSGND
pins. See the Applications Information section.
EXTVCC (J7): External power input that is enabled through
a switch to INTVCCwhenever EXTVCC is greater than 4.7V.
Do not exceed 6V on this input, and connect this pin to
VIN when operating VIN on 5V. An efficiency increase will
occur that is a function of the (VIN – INTVCC) multiplied by
powerMOSFETdrivercurrent.Typicalcurrentrequirement
is 30mA. VIN must be applied before EXTVCC, and EXTVCC
must be removed before VIN.
VIN(M2–M11,L2–L11,J2–J4,J9–J11,K2–K4,K9–K11):
Power Input Pins. Apply input voltage between these pins
and GND pins. Recommend placing input decoupling
capacitance directly between VIN pins and GND pins.
Heat Sink (Top Exposed Metal): The top exposed metal
is electrically unconnected.
(Recommended to Use Test Points to Monitor Signal Pin Connections.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com