Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 38 Page - Linear Technology

Part # LTM4644
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 38 Page - Linear Technology

Back Button LTM4644 Datasheet HTML 30Page - Linear Technology LTM4644 Datasheet HTML 31Page - Linear Technology LTM4644 Datasheet HTML 32Page - Linear Technology LTM4644 Datasheet HTML 33Page - Linear Technology LTM4644 Datasheet HTML 34Page - Linear Technology LTM4644 Datasheet HTML 35Page - Linear Technology LTM4644 Datasheet HTML 36Page - Linear Technology LTM4644 Datasheet HTML 37Page - Linear Technology LTM4644 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
LTM4650A
38
4650afb
For more information www.linear.com/LTM4650A
LT 1017 REV B • PRINTED IN USA
www.linear.com/LTM4650A
ANALOG DEVICES, INC. 2017
RELATED PARTS
PACKAGE PHOTO
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Analog Devices’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
PART
NUMBER
DESCRIPTION
COMMENTS
LTM4630A Lower Current than LTM4650A; Up to 5.3VOUT,
Dual 18A or Single 36A
Pin Compatible with LTM4650A; 4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 5.3V,
16mm × 16mm × 4.41mm (LGA)
LTM4630-1 Lower Current and lower VOUT(MAX) than LTM4650A with
External Compensation. Dual 18A or Single 36A. ±0.8%
(–1A) or ±1.5% (–1B) VOUT accuracy
4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V, 16mm × 16mm × 5.01mm (BGA)
LTM4630
Lower Current, Lower VOUT(MAX) than LTM4650A;
Dual 18A or Single 36A
Pin Compatible with LTM4650A; 4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V,
16mm × 16mm × 4.41mm (LGA), 16mm × 16mm × 5.01mm (BGA)
LTM4620A Lower Current than LTM4650A; Up to 5.3VOUT,
Dual 13A or Single 26A.
Pin Compatible with LTM4650A. 4.5V ≤ VIN ≤ 16V, 0.6V ≤ VOUT ≤ 5.3V,
15mm × 15mm × 4.41mm (LGA), 15mm × 15mm × 5.01mm (BGA)
LTM4636
Single 40A µModule Regulator
4.7V ≤ VIN ≤ 15V. 0.6V ≤ VOUT ≤ 3.3V. 16mm × 16mm × 7.07mm (BGA)
LTM4677
Dual 18A or Single 36A with PSM
4.5V ≤ VIN ≤ 16V, 0.5V ≤ VOUT ≤ 1.8V. 16mm × 16mm × 5.01mm (BGA)
LTM4644
Quad 4A
4V ≤ VIN ≤ 14V, 0.6V ≤ VOUT ≤ 5.5V. 9mm × 15mm × 5.01mm (BGA)
LTM4639
Lower VIN (2.375V ≤ VIN ≤ 7V), 20A
0.6V ≤ VOUT ≤ 5.5V. 15mm × 15mm × 4.92mm (BGA)
LGA
BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com