Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 31 Page - Linear Technology

Part # LTM4644
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTM4644 Datasheet HTML 27Page - Linear Technology LTM4644 Datasheet HTML 28Page - Linear Technology LTM4644 Datasheet HTML 29Page - Linear Technology LTM4644 Datasheet HTML 30Page - Linear Technology LTM4644 Datasheet HTML 31Page - Linear Technology LTM4644 Datasheet HTML 32Page - Linear Technology LTM4644 Datasheet HTML 33Page - Linear Technology LTM4644 Datasheet HTML 34Page - Linear Technology LTM4644 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
LTM4650A
31
4650afb
For more information www.linear.com/LTM4650A
Figure 33. LTM4650A 2-Phase, 1V at 50A Design
4650A F33
LTM4650A
VIN
TEMP
RUN1
RUN2
TRACK1
TRACK
TRACK2
fSET
R5
90.9k
COUT1
100µF
6.3V
×16
PHASMD
VOUT1
VOUTS1
VFB1
VFB2
VOUT2
PGOOD2
PGOOD
MODE_PLLIN
INTVCC
PGOOD1
PGOOD
47pF
R2
10k
INTVCC
SGND
GND
DIFFN
DIFFP
DIFFOUT
R4
75k
C9
0.1µF
CIN
22µF
25V
×4
C10
4.7µF
INTVCC
A/D
µC
VIN
RT
VIN
4.5V TO 16V
VOUT
1V
50A
RT =
VIN
100µA
RUN
LOAD
1V AT 50A
PINS NOT USED IN THIS CIRCUIT: CLKOUT,
EXTVCC, SW1, SW2, VOUTS2
COMP1
COMP2
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com