Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 32 Page - Linear Technology

Part # LTM4644
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTM4644 Datasheet HTML 28Page - Linear Technology LTM4644 Datasheet HTML 29Page - Linear Technology LTM4644 Datasheet HTML 30Page - Linear Technology LTM4644 Datasheet HTML 31Page - Linear Technology LTM4644 Datasheet HTML 32Page - Linear Technology LTM4644 Datasheet HTML 33Page - Linear Technology LTM4644 Datasheet HTML 34Page - Linear Technology LTM4644 Datasheet HTML 35Page - Linear Technology LTM4644 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
LTM4650A
32
4650afb
For more information www.linear.com/LTM4650A
TYPICAL APPLICATIONS
Figure 34. LTM4650A 2.5V and 3.3V Output with Tracking Function
4650A F34
LTM4650A
VIN
TEMP
TRACK1
TRACK2
fSET
R2
10k
PHASMD
VOUT1
VOUTS1
VFB1
VOUTS2
VOUT2
VFB2
MODE_PLLIN
INTVCC
PGOOD1
PGOOD1
INTVCC
SGND GND
PGOOD2
VOUT1
2.5V
DIFFN
DIFFP
DIFFOUT
R5
19.1k
VOUT2
3.3V AT 25A
COUT1
220µF
4V
×2
R4
140k
R9
60.4k
R6
100k
C5
0.1µF
C1
22µF
25V
R7
13.3k
C2
22µF
25V
C3
22µF
25V
C4
22µF
25V
C10
4.7µF
VOUT1
2.5V
25A
VIN
4.5V TO
16V
COUT1
220µF
4V
×2
INTVCC
PGOOD2
10k
13.3k
LOAD
3.3V AT 25A
LOAD
2.5V AT 25A
470µF
4V
+
470µF
4V
+
PINS NOT USED IN THIS CIRCUIT: CLKOUT,
EXTVCC, SW1, SW2,
RUN1
RUN2
COMP1
COMP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com