Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 27 Page - Linear Technology

Part # LTM4644
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTM4644 Datasheet HTML 23Page - Linear Technology LTM4644 Datasheet HTML 24Page - Linear Technology LTM4644 Datasheet HTML 25Page - Linear Technology LTM4644 Datasheet HTML 26Page - Linear Technology LTM4644 Datasheet HTML 27Page - Linear Technology LTM4644 Datasheet HTML 28Page - Linear Technology LTM4644 Datasheet HTML 29Page - Linear Technology LTM4644 Datasheet HTML 30Page - Linear Technology LTM4644 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
LTM4650A
27
4650afb
For more information www.linear.com/LTM4650A
APPLICATIONS INFORMATION
Table 6. Output Voltage Response vs Component Matrix (Refer to Figure 33) Load Step Typical Measured Values
2-Phase Single Output Solution
CIN (CERAMIC)
COUT (CERAMIC)
COUT (BULK)
VENDORS VALUE
PART NUMBER
VENDORS
VALUE
PART NUMBER
VENDORS VALUE
PART NUMBER
MURATA
22μF, 16V,
X5R, 1210
GRM32ER61C226KE20L MURATA
100μF, 6.3V,
X5R, 1210
GRM32ER60J107ME20L Panasonic 470µF, 6.3V
10mΩ
6TPF470MAH1
MURATA
22μF, 16V,
X5R, 1206
GRM31CR61C226KE15K MURATA
220μF, 4V,
X5R, 1206
GRM31CR60G227M
Panasonic 470µF, 2.5V
3mΩ
EEFGX0E4TIR2
TDK
22μF, 16V,
X5R, 1210
C3225X5R1C226M250AA Taiyo Yuden 100μF, 6.3V,
X5R, 1210
JMK325BJ107MM-T
Taiyo Yuden 220µF, 4V,
X5R, 1210
AMK325ABJ227MM-T
25% Load Step (0A to 12.5A), Ceramic Output Cap Only Solutions
VIN
VOUT
CIN3
(BULK)
CIN
(CERAMIC)
COUT
(BULK)
COUT
(CERAMIC)
FEED-FORWARD
CAPACITOR (CFF)
PEAK-PEAK
DEVIATION
(VPK-PK)
SETTLING
TIME
(tSETTLE)
LOAD
STEP
LOAD STEP
SLEW RATE
RFB
(kΩ)
FREQ
(kHz)
12V
1V
150µF
22µF ×4
None
100µF×16
47pF
102mV
50µs
12.5A
10A/µs
90.9
300kHz
12V
1.2V
150µF
22µF ×4
None
100µF×16
47pF
92mV
50µs
12.5A
10A/µs
60.4
400kHz
12V
1.5V
150µF
22µF ×4
None
100µF×16
47pF
105mV
50µs
12.5A
10A/µs
40.2
400kHz
12V
1.8V
150µF
22µF ×4
None
100µF×16
47pF
109mV
50µs
12.5A
10A/µs
30.2
500kHz
12V
2.5V
150µF
22µF ×4
None
100µF×16
47pF
134mV
60µs
12.5A
10A/µs
19.1
500kHz
12V
3.3V
150µF
22µF ×4
None
100µF×16
47pF
161mV
60µs
12.5A
10A/µs
13.3
600kHz
12V
5V
Suggest to Use POSCAP + Ceramic Cap
25% Load Step (0A to 12.5A), POSCAP+Ceramic Output Cap Solutions
VIN
VOUT
CIN3
(BULK)
CIN
(CERAMIC)
COUT
(BULK)
COUT
(CERAMIC)
FEED-FORWARD
CAPACITOR (CFF)
PEAK-PEAK
DEVIATION
(VPK-PK)
SETTLING
TIME
(tSETTLE)
LOAD
STEP
LOAD STEP
SLEW RATE
RFB
(kΩ)
FREQ
(kHz)
12V
1V
150µF
22µF ×4
470µF×42
100µF×8
None
82mV
50µs
12.5A
10A/µs
90.9
300kHz
12V
1.2V
150µF
22µF ×4
470µF×42
100µF×8
None
80mV
50µs
12.5A
10A/µs
60.4
400kHz
12V
1.5V
150µF
22µF ×4
470µF×42
100µF×8
None
92mV
60µs
12.5A
10A/µs
40.2
400kHz
12V
1.8V
150µF
22µF ×4
470µF×42
100µF×8
None
97mV
70µs
12.5A
10A/µs
30.2
500kHz
12V
2.5V
150µF
22µF ×4
470µF×42
100µF×8
None
117mV
70µs
12.5A
10A/µs
19.1
500kHz
12V
3.3V
150µF
22µF ×4
470µF×41
100µF×8
None
127mV
80µs
12.5A
10A/µs
13.3
600kHz
12V
5V
150µF
22µF ×4
470µF×41
100µF×8
None
167mV
100µs
12.5A
10A/µs
8.25
700kHz
Notes 1 and 2. Different (BULK) COUT are used. See part number in Table 6.
Note 3. CIN (BULK) may be required with long PCB traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com