Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 29 Page - Linear Technology

Part # LTM4644
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTM4644 Datasheet HTML 25Page - Linear Technology LTM4644 Datasheet HTML 26Page - Linear Technology LTM4644 Datasheet HTML 27Page - Linear Technology LTM4644 Datasheet HTML 28Page - Linear Technology LTM4644 Datasheet HTML 29Page - Linear Technology LTM4644 Datasheet HTML 30Page - Linear Technology LTM4644 Datasheet HTML 31Page - Linear Technology LTM4644 Datasheet HTML 32Page - Linear Technology LTM4644 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
LTM4650A
29
4650afb
For more information www.linear.com/LTM4650A
APPLICATIONS INFORMATION
Figure 23. 5V to 1.8V Derating
Curve, No Heat Sink
Figure 24. 12V to 1.8V Derating
Curve, BGA Heat Sink
Figure 25. 5V to 1.8V Derating
Curve, BGA Heat Sink
Figure 26. 12V to 3.3V Derating
Curve, No Heat Sink
Figure 27. 5V to 3.3V Derating
Curve, No Heat Sink
Figure 28. 12V to 3.3V Derating
Curve, BGA Heat Sink
Figure 29. 5V to 3.3V Derating
Curve, BGA Heat Sink
Figure 30. 12V to 5V Derating
Curve, No Heat Sink
Figure 31. 12V to 5V Derating
Curve, BGA Heat Sink
AMBIENT TEMPERATURE (°C)
30 40 50 60 70 80 90 100 110 120
0
10
20
30
40
50
60
4650A F23
400LFM
200LFM
0LFM
AMBIENT TEMPERATURE (°C)
30 40 50 60 70 80 90 100 110 120
0
10
20
30
40
50
60
4650A F24
400LFM
200LFM
0LFM
AMBIENT TEMPERATURE (°C)
30 40 50 60 70 80 90 100 110 120
0
10
20
30
40
50
60
4650A F25
400LFM
200LFM
0LFM
AMBIENT TEMPERATURE (°C)
30
40
50
60
70
80
90 100 110
0
10
20
30
40
50
60
4650A F26
400LFM
200LFM
0LFM
AMBIENT TEMPERATURE (°C)
30 40 50 60 70 80 90 100 110 120
0
10
20
30
40
50
60
4650A F27
400LFM
200LFM
0LFM
AMBIENT TEMPERATURE (°C)
30 40 50 60 70 80 90 100 110 120
0
10
20
30
40
50
60
4650A F28
400LFM
200LFM
0LFM
AMBIENT TEMPERATURE (°C)
30 40 50 60 70 80 90 100 110 120
0
10
20
30
40
50
60
4650A F29
400LFM
200LFM
0LFM
AMBIENT TEMPERATURE (°C)
30 40 50 60 70 80 90 100 110 120
0
10
20
30
40
50
60
4650A F30
400LFM
200LFM
0LFM
AMBIENT TEMPERATURE (°C)
30 40 50 60 70 80 90 100 110 120
0
10
20
30
40
50
60
4650A F31
400LFM
200LFM
0LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com