Electronic Components Datasheet Search
  English  ▼

X  

LTC2602 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2602
Description  Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 2Page - Linear Technology LTC2602 Datasheet HTML 3Page - Linear Technology LTC2602 Datasheet HTML 4Page - Linear Technology LTC2602 Datasheet HTML 5Page - Linear Technology LTC2602 Datasheet HTML 6Page - Linear Technology LTC2602 Datasheet HTML 7Page - Linear Technology LTC2602 Datasheet HTML 8Page - Linear Technology LTC2602 Datasheet HTML 9Page - Linear Technology LTC2602 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTC2323-16
6
232316fc
For more information www.linear.com/LTC2323-16
TYPICAL PERFORMANCE CHARACTERISTICS
THD, Harmonics vs Input Common
Mode (100kHz to 2.2MHz)
SNR, SINAD vs Reference Voltage,
fIN = 500kHz
8k Point FFT, IMD, fS = 5Msps,
AIN+ = 100kHz, AIN– = 2.2MHz
32k Point FFT, fS = 5Msps,
fIN = 2.2MHz
SNR, SINAD vs Input Frequency
(100kHz to 2.2MHz)
THD, Harmonics vs Input
Frequency (100kHz to 2.2MHz)
Integral Nonlinearity
vs Output Code
Differential Nonlinearity
vs Output Code
DC Histogram
TA = 25°C, VDD = 5V, OVDD = 2.5V, REFOUT1,2 =
4.096V, fSMPL = 5Msps, unless otherwise noted.
OUTPUT CODE
0
–8
–4
–6
–2
2
0
4
6
8
16384
32768
–32768
–16384
232316 G01
OUTPUT CODE
0
–1.0
0
–0.5
0.5
1.0
16384
32768
–32768
–16384
232316 G02
CODE
8000
18000
20000
–4
–2
0
4000
14000
6000
16000
2000
0
12000
10000
–5
–3
2
6
–1
1
4 5
3
232316 G03
J = 1.5
232316 G04
FREQUENCY (MHz)
0
2.5
2
1
0.5
1.5
0
–20
–40
–60
–80
–100
–120
–140
SNR = 81.4dB
THD = –86.8dB
SINAD = 80.3dB
SFDR = 88.2dB
FREQUENCY (MHz)
0
80.0
80.5
81.5
81.0
82.0
82.5
83.0
1
0.5
1.5
2
2.5
232316 G05
SINAD
SNR
FREQUENCY (MHz)
–110
–105
–100
–95
–90
–85
232316 G06
0
1
0.5
1.5
2
2.5
HD2
HD3
THD
INPUT COMMON MODE (V)
1.7
–90
–85
–80
3.1
–95
–100
2.1
2.5
1.9
2.3
2.7 2.9
3.3
–105
–110
–75
232316 G07
HD2
HD3
THD
VREF (V)
0.5
78
80
4
76
74
1.5
2.5
1
2
3
4.5
3.5
5
68
72
82
70
232316 G08
SINAD
SNR
232316 G09
FREQUENCY (MHz)
0
2.5
2
1
0.5
1.5
0
–20
–40
–60
–80
–100
–120
–140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com