Electronic Components Datasheet Search
  English  ▼

X  

LTC2602 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2602
Description  Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 4 Page - Linear Technology

  LTC2602 Datasheet HTML 1Page - Linear Technology LTC2602 Datasheet HTML 2Page - Linear Technology LTC2602 Datasheet HTML 3Page - Linear Technology LTC2602 Datasheet HTML 4Page - Linear Technology LTC2602 Datasheet HTML 5Page - Linear Technology LTC2602 Datasheet HTML 6Page - Linear Technology LTC2602 Datasheet HTML 7Page - Linear Technology LTC2602 Datasheet HTML 8Page - Linear Technology LTC2602 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTC2323-16
4
232316fc
For more information www.linear.com/LTC2323-16
DIGITAL INPUTS AND DIGITAL OUTPUTS
POWER REQUIREMENTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
l
0.8 • OVDD
V
VIL
Low Level Input Voltage
l
0.2 • OVDD
V
IIN
Digital Input Current
VIN = 0V to OVDD
l
–10
10
μA
CIN
Digital Input Capacitance
5
pF
VOH
High Level Output Voltage
IO = -500µA
l
OVDD – 0.2
V
VOL
Low Level Output Voltage
IO = 500µA
l
0.2
V
IOZ
Hi-Z Output Leakage Current
VOUT = 0V to OVDD
l
–10
10
µA
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = OVDD
10
mA
VID
LVDS Differential Input Voltage
100Ω Differential Termination, OVDD = 2.5V
l
240
600
mV
VIS
LVDS Common Mode Input Voltage
100Ω Differential Termination, OVDD = 2.5V
l
1
1.45
V
VOD
LVDS Differential Output Voltage
100Ω Differential Load, LVDS Mode,
OVDD = 2.5V
l
100
150
300
mV
VOS
LVDS Common Mode Output Voltage
100Ω Differential Load, LVDS Mode,
OVDD = 2.5V
l
0.85
1.2
1.4
V
VOD_LP
Low Power LVDS Differential Output
Voltage
100Ω Differential Load, Low Power,
LVDS Mode ,OVDD = 2.5V
l
75
100
250
mV
VOS_LP
Low Power LVDS Common Mode
Output Voltage
100Ω Differential Load, Low Power,
LVDS Mode ,OVDD = 2.5V
l
0.9
1.2
1.4
V
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
5V Operation
3.3V Operation
l
l
4.75
3.13
5.25
3.47
V
V
OVDD
Supply Voltage
l
1.71
2.63
V
IVDD
Supply Current
5Msps Sample Rate (IN+ = IN– = 0V)
l
14.5
18
mA
IOVDD
Supply Current
5Msps Sample Rate (CL = 5pF)
CMOS Mode
5Msps Sample Rate (RL = 100Ω)
LVDS Mode
l
l
4
8
5
12
mA
mA
INAP
Nap Mode Current
Conversion Done (IVDD)
l
3
5
mA
ISLEEP
Sleep Mode Current
Sleep Mode (IVDD + IOVDD)
CMOS Mode
Sleep Mode (IVDD + IOVDD)
LVDS Mode
l
l
1
1
5
5
μA
μA
PD_3.3V
Power Dissipation
VDD = 3.3V 5Msps Sample Rate (IN+ = IN– = 0V) CMOS Mode
VDD = 3.3V 5Msps Sample Rate (IN+ = IN– = 0V) LVDS Mode
l
l
55
65
58
86
mW
mW
Nap Mode
VDD = 3.3V Conversion Done (IVDD + IOVDD)
CMOS Mode
VDD = 3.3V Conversion Done (IVDD + IOVDD)
LVDS Mode
l
l
10
31
13
41
mW
mW
Sleep Mode
VDD = 3.3V Sleep Mode (IVDD + IOVDD)
CMOS Mode
VDD = 3.3V Sleep Mode (IVDD + IOVDD)
LVDS Mode
l
l
5
5
16.5
16.5
μW
μW
PD_5V
Power Dissipation
VDD = 5V 5Msps Sample Rate (IN+ = IN– = 0V) CMOS Mode
VDD = 5V 5Msps Sample Rate (IN+ = IN– = 0V) LVDS Mode
l
l
80
95
100
110
mW
mW
Nap Mode
VDD = 5V Conversion Done (IVDD + IOVDD)
CMOS Mode
VDD = 5V Conversion Done (IVDD + IOVDD)
LVDS Mode
l
l
15
31
25
40
mW
mW
Sleep Mode
VDD = 5V Sleep Mode (IVDD + IOVDD)
CMOS Mode
VDD = 5V Sleep Mode (IVDD + IOVDD)
LVDS Mode
l
l
5
5
25
25
μW
μW
The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C (Note 4).
The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C (Note 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com