Electronic Components Datasheet Search
  English  ▼

X  

LTC2602 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC2602
Description  Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 15Page - Linear Technology LTC2602 Datasheet HTML 16Page - Linear Technology LTC2602 Datasheet HTML 17Page - Linear Technology LTC2602 Datasheet HTML 18Page - Linear Technology LTC2602 Datasheet HTML 19Page - Linear Technology LTC2602 Datasheet HTML 20Page - Linear Technology LTC2602 Datasheet HTML 21Page - Linear Technology LTC2602 Datasheet HTML 22Page - Linear Technology LTC2602 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LTC2323-16
19
232316fc
For more information www.linear.com/LTC2323-16
APPLICATIONS INFORMATION
Total Harmonic Distortion (THD)
Total harmonic distortion (THD) is the ratio of the
RMS sum of all harmonics of the input signal to the
fundamental itself. The out-of-band harmonics alias into
the frequency band between DC and half the sampling
frequency (fSMPL/2). THD is expressed as:
THD
=20log
V22
+ V32 + V42 +…+ VN2
V1
where V1 is the RMS amplitude of the fundamental
frequency and V2 through VN are the amplitudes of the
second through Nth harmonics.
POWER CONSIDERATIONS
The LTC2323-16 requires two power supplies: the 5V
power supply (VDD), and the digital input/output interface
power supply (OVDD). The flexible OVDD supply allows
the LTC2323-16 to communicate with any digital logic
operating between 1.8V and 2.5V. When using LVDS I/O,
the OVDD supply must be set to 2.5V.
Power Supply Sequencing
The LTC2323-16 does not have any specific power sup-
ply sequencing requirements. Care should be taken to
adhere to the maximum voltage relationships described
in the Absolute Maximum Ratings section. The LTC2323-
16 has a power-on-reset (POR) circuit that will reset the
LTC2323-16 at initial power-up or whenever the power
supply voltage drops below 2V. Once the supply voltage
re-enters the nominal supply voltage range, the POR will
reinitialize the ADC. No conversions should be initiated
until 10ms after a POR event to ensure the reinitialization
period has ended. Any conversions initiated before this
time will produce invalid results.
Figure 17. Power Supply Current of the LTC2323-16 Versus Sampling Rate
SAMPLE FREQUENCY (Msps)
8
10
12
14
16
232316 F17
0
2
1
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com