Electronic Components Datasheet Search
  English  ▼

X  

LTC2602 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2602
Description  Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 9Page - Linear Technology LTC2602 Datasheet HTML 10Page - Linear Technology LTC2602 Datasheet HTML 11Page - Linear Technology LTC2602 Datasheet HTML 12Page - Linear Technology LTC2602 Datasheet HTML 13Page - Linear Technology LTC2602 Datasheet HTML 14Page - Linear Technology LTC2602 Datasheet HTML 15Page - Linear Technology LTC2602 Datasheet HTML 16Page - Linear Technology LTC2602 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC2323-16
13
232316fc
For more information www.linear.com/LTC2323-16
APPLICATIONS INFORMATION
Pseudo-Differential Unipolar Input Range
The pseudo-differential unipolar configuration represents
driving one of the analog inputs at ground and applying a
signal to the other AIN pin. In this case, the analog input
swings between ground and VREF yielding unipolar two’s
complement output codes with an ADC span of half of full-
scale. This configuration is illustrated in Figure 6, and the
corresponding transfer function in Figure 7. If the input
signal (AIN+ – AIN–) swings negative, valid codes will be
generated by the ADC and must be clamped by the user,
if necessary.
Figure 6. Pseudo-Differential Unipolar Application Circuit
Figure 7. Pseudo-Differential Unipolar Transfer Function
232316 F07
–VREF
–16385
16384
–32768
32767
VREF
DOTTED REGIONS AVAILABLE
BUT UNUSED
AIN
(AIN+ – AIN–)
ADC CODE
(2’s COMPLEMENT)
–VREF/2
VREF/2
0
25
25
220pF
VREF
0V
VREF
0V
+
LTC2323-16
LT1818
232316 F06
SDO1
VBYP1
REFOUT1
CLKOUT
AIN1–
AIN1+
SCK
TO CONTROL
LOGIC
(FPGA, CPLD,
DSP, ETC.)
1µF
10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com