Electronic Components Datasheet Search
  English  ▼

X  

LTC2602 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2602
Description  Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 1 Page - Linear Technology

  LTC2602 Datasheet HTML 1Page - Linear Technology LTC2602 Datasheet HTML 2Page - Linear Technology LTC2602 Datasheet HTML 3Page - Linear Technology LTC2602 Datasheet HTML 4Page - Linear Technology LTC2602 Datasheet HTML 5Page - Linear Technology LTC2602 Datasheet HTML 6Page - Linear Technology LTC2602 Datasheet HTML 7Page - Linear Technology LTC2602 Datasheet HTML 8Page - Linear Technology LTC2602 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC2323-16
1
232316fc
For more information www.linear.com/LTC2323-16
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual, 16-Bit, 5Msps
Differential Input ADC with Wide
Input Common Mode Range
The LTC®2323-16 is a low noise, high speed dual 16-bit
successive approximation register (SAR) ADC with
differential inputs and wide input common mode range.
Operating from a single 3.3V or 5V supply, the LTC2323-16
has an 8VP-P differential input range, making it ideal for
applications which require a wide dynamic range with high
common mode rejection. The LTC2323-16 achieves ±4LSB
INL typical, no missing codes at 16 bits and 81dB SNR.
The LTC2323-16 has an onboard low drift (20ppm/°C max)
2.048V or 4.096V temperature-compensated reference.
The LTC2323-16 also has a high speed SPI-compatible
serial interface that supports CMOS or LVDS. The fast
5Msps per channel throughput with one-cycle latency
makes the LTC2323-16 ideally suited for a wide variety of
high speed applications. The LTC2323-16 dissipates only
40mW per channel and offers nap and sleep modes to
reduce the power consumption to 5μW for further power
savings during inactive periods.
32k Point FFT fS = 5Msps, fIN = 2.2MHz
APPLICATIONS
n
5Msps Throughput Rate
n
±4LSB INL (Typ)
n
Guaranteed 16-Bit, No Missing Codes
n
8VP-P Differential Inputs with Wide Input Common
Mode Range
n
81dB SNR (Typ) at fIN = 2MHz
n
–85dB THD (Typ) at fIN = 2MHz
n
Guaranteed Operation to 125°C
n
Single 3.3V or 5V Supply
n
Low Drift (20ppm/°C Max) 2.048V or 4.096V Internal
Reference
n
1.8V to 2.5V I/O Voltages
n
CMOS or LVDS SPI-Compatible Serial I/O
n
Power Dissipation 40mW/Ch (Typ)
n
Small 28-Lead (4mm
× 5mm) QFN Package
n
High Speed Data Acquisition Systems
n
Communications
n
Remote Data Acquisition
n
Imaging
n
Optical Networking
n
Automotive
n
Multiphase Motor Control
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Analog
Devices, Inc. All other trademarks are the property of their respective owners.
BIPOLAR
25
25
220pF
UNIPOLAR
ARBITRARY
DIFFERENTIAL INPUTS
NO CONFIGURATION REQUIRED
IN+, IN–
DIFFERENTIAL
OVDD
VDD
LTC2323-16
VDD
OGND
GND
1.8V TO 2.5V
232316 TA01a
10µF
3.3V OR 5V
SDO1
0V
0V
0V
0V
REFOUT2
VBYP1
REFOUT1
VBYP2
SDO2
CLKOUT
AIN1–
AIN2–
AIN2+
AIN1+
SCK
CNV
REFINT
CMOS/LVDS
1µF
TO CONTROL
LOGIC
(FPGA, CPLD,
DSP, ETC.)
1µF
1µF
10µF
10µF
232316 TA01b
FREQUENCY (MHz)
0
2.5
2
1
0.5
1.5
0
–20
–40
–60
–80
–100
–120
–140
SNR = 81.4dB
THD = –86.8dB
SINAD = 80.3dB
SFDR = 88.2dB


Similar Part No. - LTC2602

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2602 LINER-LTC2602 Datasheet
346Kb / 16P
Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
LTC2602 LINER-LTC2602 Datasheet
584Kb / 24P
Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2602 LINER-LTC2602 Datasheet
306Kb / 16P
Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
LTC2602 LINER-LTC2602 Datasheet
885Kb / 26P
16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2602 LINER-LTC2602 Datasheet
1Mb / 32P
Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
More results

Similar Description - LTC2602

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2323-16 LINER-LTC2323-16_15 Datasheet
1Mb / 26P
Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-12 LINER-LTC2321-12_15 Datasheet
995Kb / 26P
Dual, 12-Bit Sign, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-14 LINER-LTC2321-14_15 Datasheet
1Mb / 28P
Dual, 14-Bit Sign, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16_15 Datasheet
1,012Kb / 26P
Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-12 LINER-LTC2323-12_15 Datasheet
1Mb / 24P
Dual, 12-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-14 LINER-LTC2323-14_15 Datasheet
1Mb / 24P
Dual, 14-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2311-16 LINER-LTC2311-16 Datasheet
885Kb / 26P
16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16 Datasheet
2Mb / 26P
Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2345-16 LINER-LTC2345-16 Datasheet
1Mb / 40P
Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2348-16 LINER-LTC2348-16 Datasheet
1Mb / 40P
Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com