Electronic Components Datasheet Search
  English  ▼

X  

LTC2602 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC2602
Description  Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 18Page - Linear Technology LTC2602 Datasheet HTML 19Page - Linear Technology LTC2602 Datasheet HTML 20Page - Linear Technology LTC2602 Datasheet HTML 21Page - Linear Technology LTC2602 Datasheet HTML 22Page - Linear Technology LTC2602 Datasheet HTML 23Page - Linear Technology LTC2602 Datasheet HTML 24Page - Linear Technology LTC2602 Datasheet HTML 25Page - Linear Technology LTC2602 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LTC2323-16
26
232316fc
For more information www.linear.com/LTC2323-16
LINEAR TECHNOLOGY CORPORATION 2014
LT 1017 REV C • PRINTED IN USA
www.linear.com/LTC2323-16
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC1407A/LTC1407A-1
12-/14-Bit, 3Msps Simultaneous Sampling ADC
3V Supply, 2-Channel Differential, 1.5Msps per Channel Throughput,
Unipolar/Bipolar Inputs, 14mW, MSOP Package
LTC2314-14
14-Bit, 4.5Msps Serial ADC
3V/5V Supply, 18mW/31mW, 20ppm/°C Max Internal Reference,
Unipolar Inputs, 8-Lead TSOT-23 Package
LTC2321-16/LTC2321-14/
LTC2321-12
16-/14-/12-Bit, 2Msps, Simultaneous Sampling
ADCs
3.3V/5V Supply, 33mW/Ch, 10ppm°C Max Internal Reference,
Flexible Inputs, 4mm
× 5mm QFN-28 Package
LTC2370-16/LTC2368-16/
LTC2367-16/LTC2364-16
16-Bit, 2Msps/1Msps/500ksps/250ksps Serial,
Low Power ADC
2.5V Supply, Pseudo-Differential Unipolar Input, 94dB SNR, 5V Input Range,
DGC, Pin-Compatible Family in MSOP-16 and 4mm
× 3mm DFN-16 Packages
LTC2380-16/LTC2378-16/
LTC2377-16/LTC2376-16
16-Bit, 2Msps/1Msps/500ksps/250ksps Serial,
Low Power ADC
2.5V Supply, Differential Input, 96.2dB SNR, ±5V Input Range, DGC,
Pin-Compatible Family in MSOP-16 and 4mm
× 3mm DFN-16 Packages
DACs
LTC2632
Dual 12-/10-/8-Bit, SPI VOUT DACs with Internal
Reference
2.7V to 5.5V Supply Range, 10ppm/°C Reference, External REF Mode,
Rail-to-Rail Output, 8-Pin ThinSOT™ Package
LTC2602/LTC2612/
LTC2622
Dual 16-/14-/12-Bit SPI VOUT DACs with External
Reference
300μA per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail Output, 8-Lead
MSOP Package
References
LTC6655
Precision Low Drift, Low Noise Buffered Reference 5V/4.096V/3.3V/3V/2.5V/2.048V/1.25V, 5ppm/°C, 0.25ppm
Peak-to-Peak Noise, MSOP-8 Package
LTC6652
Precision Low Drift, Low Noise Buffered Reference 5V/4.096V/3.3V/3V/2.5V/2.048V/1.25V, 5ppm/°C, 2.1ppm
Peak-to-Peak Noise, MSOP-8 Package
Amplifiers
LT1818/LT1819
400MHz, 2500V/µs, 9mA Single/Dual Operational
Amplifiers
–85dBc Distortion at 5MHz, 6nV/√Hz Input Noise Voltage, 9mA Supply
Current, Unity-Gain Stable
LT1806
325MHz, Single, Rail-to-Rail Input and Output, Low
Distortion, Low Noise Precision Op Amps
–80dBc Distortion at 5MHz, 3.5nV/√Hz Input Noise Voltage,
9mA Supply Current, Unity-Gain Stable
LT6200
165MHz, Rail-to-Rail Input and Output, 0.95nV/√Hz
Low Noise, Op Amp Family
Low Noise, Low Distortion, Unity-Gain Stable
Low Jitter Clock Timing with RF Sine Generator Using Clock Squaring/Level-Shifting Circuit and Retiming Flip-Flop
NC7SZ04P5X (× 3)
50
NC7SZ04P5X
CONV ENABLE
MASTER_CLOCK
CONV
1k
1k
LTC2323-16
232316 TA02
SDO1
SCK
GND
CLR
NL17SZ74USG
CONTROL
LOGIC
(FPGA, CPLD,
DSP, ETC.)
PRE
CLKOUT
CNV
CMOS/LVDS
VCC
VCC
Q
D
SDO2
0.1µF
10
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com