Electronic Components Datasheet Search
  English  ▼

X  

LTC2602 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2602
Description  Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 6Page - Linear Technology LTC2602 Datasheet HTML 7Page - Linear Technology LTC2602 Datasheet HTML 8Page - Linear Technology LTC2602 Datasheet HTML 9Page - Linear Technology LTC2602 Datasheet HTML 10Page - Linear Technology LTC2602 Datasheet HTML 11Page - Linear Technology LTC2602 Datasheet HTML 12Page - Linear Technology LTC2602 Datasheet HTML 13Page - Linear Technology LTC2602 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTC2323-16
10
232316fc
For more information www.linear.com/LTC2323-16
FUNCTIONAL BLOCK DIAGRAM
TIMING DIAGRAM
B15
B14
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
B13
CNV
SCK
CLKOUT
SDO
ACQUISITION
CONVERSION AND READOUT
SERIAL DATA BITS B[15:0] CORRESPOND TO PREVIOUS CONVERSION
ACQUISITION
HI-Z
HI-Z
232316 TD
15
13
16
16-BIT
SAR ADC
LVDS/CMOS
TRI-STATE
SERIAL OUTPUT
OUTPUT
CLOCK DRIVER
LVDS/CMOS
RECEIVERS
SDO1+
SD01–
14
GND
4, 5, 10, 29
OVDD
7
6
AIN1+
12
REFOUT1
28 REFINT
26
REFOUT2
AIN1–
17
18
CLKOUT+
CLKOUT–
21
22
SCK+
SCK–
TIMING CONTROL
LOGIC
232316 BD
–
+
S/H
LDO
LDO
19
20
16-BIT
SAR ADC
LVDS/CMOS
TRI-STATE
SERIAL OUTPUT
SDO2+
SDO2–
24
VBYP2
2
3
AIN2+
9
CNV
AIN2–
VDD
1,8
VDD
1,8
VBYP1
–
+
S/H
G
G
1.2V REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com