Electronic Components Datasheet Search
  English  ▼

X  

FAN7382M Datasheet(PDF) 5 Page - ON Semiconductor

Part # FAN7382M
Description  High- and Low-Side Gate Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7382M Datasheet(HTML) 5 Page - ON Semiconductor

  FAN7382M Datasheet HTML 1Page - ON Semiconductor FAN7382M Datasheet HTML 2Page - ON Semiconductor FAN7382M Datasheet HTML 3Page - ON Semiconductor FAN7382M Datasheet HTML 4Page - ON Semiconductor FAN7382M Datasheet HTML 5Page - ON Semiconductor FAN7382M Datasheet HTML 6Page - ON Semiconductor FAN7382M Datasheet HTML 7Page - ON Semiconductor FAN7382M Datasheet HTML 8Page - ON Semiconductor FAN7382M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7382 Rev. 1.0.8
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only.
Notes:
2. Mounted on 76.2 x 114.3 x 1.6mm PCB (FR-4 glass epoxy material).
3. Refer to the following standards:
JESD51-2: Integral circuits thermal test method environmental conditions - natural convection
JESD51-3: Low effective thermal conductivity test board for leaded surface mount packages
4. Do not exceed PD under any circumstances.
Recommended Operating Ratings
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Characteristics
Min.
Max.
Unit
VS
High-side offset voltage
VB-25
VB+0.3
V
VB
High-side floating supply voltage
-0.3
625
VHO
High-side floating output voltage HO
VS-0.3
VB+0.3
VCC
Low-side and logic fixed supply voltage
-0.3
25
VLO
Low-side output voltage LO
-0.3
VCC+0.3
VIN
Logic input voltage (HIN, LIN)
-0.3
VCC+0.3
COM
Logic ground
VCC-25
VCC+0.3
dVS/dt
Allowable offset voltage slew rate
50
V/ns
PD
(2)(3)(4)
Power dissipation
8-SOP
0.625
W
14-SOP
1.0
8-DIP
1.2
θ
JA
Thermal resistance, junction-to-ambient
8-SOP
200
°C/W
14-SOP
110
8-DIP
100
TJ
Junction temperature
150
°C
TSTG
Storage temperature
150
°C
Symbol
Parameter
Min.
Max.
Unit
VB
High-side floating supply voltage
VS+10
VS+20
V
VS
High-side floating supply offset voltage
6-VCC
600
VHO
High-side (HO) output voltage
VS
VB
VLO
Low-side (LO) output voltage
COM
VCC
VIN
Logic input voltage (HIN, LIN)
COM
VCC
VCC
Low-side supply voltage
10
20
TA
Ambient temperature
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com