Electronic Components Datasheet Search
  English  ▼

X  

FAN7382M Datasheet(PDF) 6 Page - ON Semiconductor

Part # FAN7382M
Description  High- and Low-Side Gate Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7382M Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FAN7382M Datasheet HTML 2Page - ON Semiconductor FAN7382M Datasheet HTML 3Page - ON Semiconductor FAN7382M Datasheet HTML 4Page - ON Semiconductor FAN7382M Datasheet HTML 5Page - ON Semiconductor FAN7382M Datasheet HTML 6Page - ON Semiconductor FAN7382M Datasheet HTML 7Page - ON Semiconductor FAN7382M Datasheet HTML 8Page - ON Semiconductor FAN7382M Datasheet HTML 9Page - ON Semiconductor FAN7382M Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7382 Rev. 1.0.8
5
Electrical Characteristics
VBIAS (VCC, VBS)=15.0V, TA = 25°C, unless otherwise specified. The VIN and IIN parameters are referenced to COM.
The VO and IO parameters are referenced to VS and COM and are applicable to the respective outputs HO and LO.
Dynamic Electrical Characteristics
VBIAS (VCC, VBS)=15.0V, VS=COM, CL=1000pF and, TA = 25°C, unless otherwise specified.
Note:
5. This parameter guaranteed by design.
Symbol
Characteristics
Test Condition
Min.
Typ.
Max.
Unit
VCCUV+
VBSUV+
VCC and VBS supply under-voltage
positive going threshold
8.2
9.2
10.0
V
VCCUV-
VBSUV-
VCC and VBS supply under-voltage
negative going threshold
7.6
8.7
9.6
VCCUVH
VBSUVH
VCC supply under-voltage lockout
hysteresis
0.6
ILK
Offset supply leakage current
VB=VS=600V
50
µA
IQBS
Quiescent VBS supply current
VIN=0V or 5V
45
120
IQCC
Quiescent VCC supply current
VIN=0V or 5V
70
180
IPBS
Operating VBS supply current
fIN=20kHz,rms value
600
µA
IPCC
Operating VCC supply current
fIN=20kHz,rms value
600
VIH
Logic "1" input voltage
2.9
V
VIL
Logic "0" input voltage
0.8
VOH
High-level output voltage, VBIAS-VO
IO=20mA
1.0
VOL
Low-level output voltage, VO
0.6
IIN+
Logic "1" input bias current
VIN=5V
10
20
µA
IIN-
Logic "0" input bias current
VIN=0V
1.0
2.0
IO+
Output high short-circuit pulsed current
VO=0V, VIN=5V with PW<10µs
250
350
mA
IO-
Output low short-circuit pulsed current
VO=15V, VIN=0V with PW<10µs
500
650
VS
Allowable negative VS pin voltage for
HIN signal propagation to HO
-9.8
-7.0
V
Symbol
Characteristics
Test Condition
Min.
Typ.
Max.
Unit
ton
Turn-on propagation delay
VS=0V
100
170
300
ns
toff
Turn-off propagation delay
VS=0V or 600V
(5)
100
200
300
tr
Turn-on rise time
20
60
140
tf
Turn-off fall time
30
80
MT
Delay matching, HS & LS turn-on/off
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com