Electronic Components Datasheet Search
  English  ▼

X  

FAN7382M Datasheet(PDF) 12 Page - ON Semiconductor

Part # FAN7382M
Description  High- and Low-Side Gate Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7382M Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FAN7382M Datasheet HTML 8Page - ON Semiconductor FAN7382M Datasheet HTML 9Page - ON Semiconductor FAN7382M Datasheet HTML 10Page - ON Semiconductor FAN7382M Datasheet HTML 11Page - ON Semiconductor FAN7382M Datasheet HTML 12Page - ON Semiconductor FAN7382M Datasheet HTML 13Page - ON Semiconductor FAN7382M Datasheet HTML 14Page - ON Semiconductor FAN7382M Datasheet HTML 15Page - ON Semiconductor FAN7382M Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7382 Rev. 1.0.8
11
Typical Characteristics (Continued)
Figure 32. Switching Time Test Circuit
Figure 33. Input / Output Timing Diagram
Figure 34. Switching Time Waveform Definition
Figure 35. Delay Matching Waveform Definition
HO
LO
HIN
LIN
FAN7382 Rev.03
1nF
HIN
VB
HIN
COM
HO
VS
LO
1
2
LIN
VCC
5
6
8
3
4
7
100nF
15V
10uF
100nF
15V
10uF
1nF
LIN
FAN7382 Rev.05
HIN
LIN
t
on
HO
LO
t
r
50%
50%
10%
90%
90%
10%
t
off
t
f
t
on : Turn-on Delay Time
t
off
: Turn-off Delay Time
t
r : Turn-on Rise Time
t
f
: Turn-off Fall Time
FAN7382 Rev.03
HIN
LIN
LO
50%
50%
10%
90%
HO
t
on-L
t
on-H
MT
HO
LO
t
off-L
t
off-H
MT
FAN7382 Rev.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com