Electronic Components Datasheet Search
  English  ▼

X  

FAN7382M Datasheet(PDF) 9 Page - ON Semiconductor

Part # FAN7382M
Description  High- and Low-Side Gate Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7382M Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FAN7382M Datasheet HTML 5Page - ON Semiconductor FAN7382M Datasheet HTML 6Page - ON Semiconductor FAN7382M Datasheet HTML 7Page - ON Semiconductor FAN7382M Datasheet HTML 8Page - ON Semiconductor FAN7382M Datasheet HTML 9Page - ON Semiconductor FAN7382M Datasheet HTML 10Page - ON Semiconductor FAN7382M Datasheet HTML 11Page - ON Semiconductor FAN7382M Datasheet HTML 12Page - ON Semiconductor FAN7382M Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7382 Rev. 1.0.8
8
Typical Characteristics (Continued)
Figure 16. Allowable Negative VS Voltage for Signal
Propagation to High Side vs. Supply Voltage
Figure 17. Allowable Negative VS Voltage for Signal
Propagation to High Side vs. Temp.
Figure 18. IQCC vs. Supply Voltage
Figure 19. IQCC vs. Temp.
Figure 20. IQBS vs. Supply Voltage
Figure 21. IQBS vs. Temp.
10
12
14
16
18
20
-18
-16
-14
-12
-10
-8
-6
-4
Supply Voltage [V]
VCC=VBS
COM=0V
Ta=25°C
10
12
14
16
18
20
-18
-16
-14
-12
-10
-8
-6
-4
Supply Voltage [V]
VCC=VBS
COM=0V
Ta=25°C
-40
-20
0
20
40
60
80
100
120
-10.4
-10.2
-10.0
-9.8
-9.6
-9.4
-9.2
-9.0
Temperature [°C]
VCC=VBS=15V
COM=0V
-40
-20
0
20
40
60
80
100
120
-10.4
-10.2
-10.0
-9.8
-9.6
-9.4
-9.2
-9.0
Temperature [°C]
-40
-20
0
20
40
60
80
100
120
-10.4
-10.2
-10.0
-9.8
-9.6
-9.4
-9.2
-9.0
Temperature [°C]
VCC=VBS=15V
COM=0V
V
CC=VBS
COM=0V
T
A=25°C
V
CC=VBS=15V
COM=0V
0
5
10
15
20
0
20
40
60
80
100
Supply Voltage [V]
VBS=15V
COM=0V
HIN=LIN=0V
Ta=25°C
0
5
10
15
20
0
20
40
60
80
100
Supply Voltage [V]
VBS=15V
COM=0V
HIN=LIN=0V
Ta=25°C
-40
-20
0
20406080
100
120
45
50
55
60
65
70
75
80
85
90
95
Tem perature [°C]
VCC=VBS=15V
CO M =0V
HIN=LIN=0V
-40
-20
0
20406080
100
120
45
50
55
60
65
70
75
80
85
90
95
Tem perature [°C]
VCC=VBS=15V
CO M =0V
HIN=LIN=0V
V
BS=15V
COM=0V
HIN=LIN=0V
T
A=25°C
V
CC=VBS=15V
COM=0V
HIN=LIN=0V
0
5
10
15
20
0
10
20
30
40
50
60
70
80
Supply Voltage [V]
VCC=15V
COM =0V
HIN=LIN=0V
Ta=25°C
0
5
10
15
20
0
10
20
30
40
50
60
70
80
Supply Voltage [V]
VCC=15V
COM =0V
HIN=LIN=0V
Ta=25°C
-40
-20
0
20
40
60
80
100
120
36
38
40
42
44
46
48
50
52
Tem perature [°C]
VCC=15V
COM =0V
HIN=LIN=0V
-40
-20
0
20
40
60
80
100
120
36
38
40
42
44
46
48
50
52
Tem perature [°C]
VCC=15V
COM =0V
HIN=LIN=0V
V
CC=15V
COM=0V
HIN=LIN=0V
T
A=25°C
V
CC=15V
COM=0V
HIN=LIN=0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com