Electronic Components Datasheet Search
  English  ▼

X  

FAN7382M Datasheet(PDF) 11 Page - ON Semiconductor

Part # FAN7382M
Description  High- and Low-Side Gate Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7382M Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FAN7382M Datasheet HTML 7Page - ON Semiconductor FAN7382M Datasheet HTML 8Page - ON Semiconductor FAN7382M Datasheet HTML 9Page - ON Semiconductor FAN7382M Datasheet HTML 10Page - ON Semiconductor FAN7382M Datasheet HTML 11Page - ON Semiconductor FAN7382M Datasheet HTML 12Page - ON Semiconductor FAN7382M Datasheet HTML 13Page - ON Semiconductor FAN7382M Datasheet HTML 14Page - ON Semiconductor FAN7382M Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7382 Rev. 1.0.8
10
Typical Characteristics (Continued)
Figure 28. VCC UVLO Threshold Voltage vs. Temp.
Figure 29. VBS UVLO Threshold Voltage vs. Temp.
Figure 30. VB to COM Leakage Current vs. Temp.
Figure 31. Input Logic Threshold Voltage vs. Temp.
-40
-20
0
20
40
60
80
100
120
8.0
8.2
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.8
10.0
Tem perature [°C]
VCCUV+
VCCUV-
-40
-20
0
20
40
60
80
100
120
8.0
8.2
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.8
10.0
Tem perature [°C]
VCCUV+
VCCUV-
-40
-20
0
20
40
60
80
100
120
8.0
8.2
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.8
10.0
Tem perature [°C]
VBSUV+
VBSUV-
-40
-20
0
20
40
60
80
100
120
8.0
8.2
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.8
10.0
Tem perature [°C]
VBSUV+
VBSUV-
V
CCUV+
V
CCUV-
V
SBUV+
V
SBUV-
-40
-20
0
20
40
60
80
100
120
0
1
2
3
4
5
Tem perature [°C]
VB -to-C O M =650V
-40
-20
0
20
40
60
80
100
120
0
1
2
3
4
5
Tem perature [°C]
VB -to-C O M =650V
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
VIL(LIN)
VIH(HIN)
Temperature [°C]
VIL(HIN)
VIH(LIN)
VCC=VBS=15V
COM=0V
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
VIL(LIN)
VIH(HIN)
Temperature [°C]
VIL(HIN)
VIH(LIN)
VCC=VBS=15V
COM=0V
V
B-to-COM=650V
V
CC=VBS=15V
COM=0V
VIH (LIN)
VIH (HIN)
VIL (HIN)
VIL (LIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com