Electronic Components Datasheet Search
  English  ▼

X  

FAN7382M Datasheet(PDF) 14 Page - ON Semiconductor

Part # FAN7382M
Description  High- and Low-Side Gate Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7382M Datasheet(HTML) 14 Page - ON Semiconductor

Back Button FAN7382M Datasheet HTML 8Page - ON Semiconductor FAN7382M Datasheet HTML 9Page - ON Semiconductor FAN7382M Datasheet HTML 10Page - ON Semiconductor FAN7382M Datasheet HTML 11Page - ON Semiconductor FAN7382M Datasheet HTML 12Page - ON Semiconductor FAN7382M Datasheet HTML 13Page - ON Semiconductor FAN7382M Datasheet HTML 14Page - ON Semiconductor FAN7382M Datasheet HTML 15Page - ON Semiconductor FAN7382M Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
5.60
1.27
1.75
0.65
1.85
1.35
0.25
0.10
0.51
0.31 (8X)
1.75
1.25
C
4.15
3.75
C 5.12
4.72
6.30
5.70
0.35
1.27
PIN #1 ID
A
B
B
OPTION A
BEVEL EDGE
0.25
0.15
OPTION B
NON-BEVEL EDGE
1.04
0.25
0.80
0.30
8°
4°
BEVEL
GAGE
PLANE
SEATING
PLANE
R0.10
TOP VIEW
FRONT VIEW
SIDE VIEW
LAND PATTERN RECOMMENDATION
NOTES: UNLESS OTHERWISED SPECIFIED
THIS PACKAGE CONFORMS TO JEDEC
A.
MS-012 VARIATION A EXCEPT WHERE NOTED.
B.
ALL DIMENSIONS ARE IN MILLIMETERS
C OUT OF JEDEC STANDARD VALUE
D.
DIMENSIONS ARE EXCLUSIVE OF BURRS,
MOLD FLASH AND TIE BAR EXTRUSIONS.
E.
LAND PATTERN AS PER IPC
SOIC127P600X175-8M
F.
DRAWING FILENAME: MKT-M08Brev2
DETAIL "B"
SCALE 2:1
C
C
1
4
5
8
0.25 M C B A
0.10 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com