Electronic Components Datasheet Search
  English  ▼

X  

FAN7382M Datasheet(PDF) 8 Page - ON Semiconductor

Part # FAN7382M
Description  High- and Low-Side Gate Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7382M Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FAN7382M Datasheet HTML 4Page - ON Semiconductor FAN7382M Datasheet HTML 5Page - ON Semiconductor FAN7382M Datasheet HTML 6Page - ON Semiconductor FAN7382M Datasheet HTML 7Page - ON Semiconductor FAN7382M Datasheet HTML 8Page - ON Semiconductor FAN7382M Datasheet HTML 9Page - ON Semiconductor FAN7382M Datasheet HTML 10Page - ON Semiconductor FAN7382M Datasheet HTML 11Page - ON Semiconductor FAN7382M Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7382 Rev. 1.0.8
7
Typical Characteristics (Continued)
Figure 10. Turn-Off Falling Time vs. Supply Voltage
Figure 11. Turn-Off Falling Time vs. Temp.
Figure 12. Output Sourcing Current vs. Supply
Voltage
Figure 13. Output Sourcing Current vs. Temp
Figure 14. Output Sinking Current vs. Supply Voltage
Figure 15. Output Sinking Current vs. Temp.
10
11
12
13
14
15
16
17
18
19
20
16
18
20
22
24
26
28
30
32
34
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
CL=1nF
Ta=25°C
10
11
12
13
14
15
16
17
18
19
20
16
18
20
22
24
26
28
30
32
34
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
CL=1nF
Ta=25°C
-40
-20
0
20406080
100
120
10
15
20
25
30
35
40
45
50
Tem perature [°C]
High-Side
Low -Side
VCC=VBS=15V
CO M=0V
CL=1nF
-40
-20
0
20406080
100
120
10
15
20
25
30
35
40
45
50
Tem perature [°C]
High-Side
Low -Side
-40
-20
0
20406080
100
120
10
15
20
25
30
35
40
45
50
Tem perature [°C]
High-Side
Low -Side
VCC=VBS=15V
CO M=0V
CL=1nF
V
CC=VBS
COM=0V
C
L=1nF
T
A=25°C
V
CC=VBS=15V
COM=0V
C
L=1nF
10
12
14
16
18
20
100
150
200
250
300
350
400
450
500
550
600
Supply Voltage [V]
Low-Side
High-Side
VCC=VBS
COM=0V
LO=HO=0V
Ta=25°C
10
12
14
16
18
20
100
150
200
250
300
350
400
450
500
550
600
Supply Voltage [V]
Low-Side
High-Side
VCC=VBS
COM=0V
LO=HO=0V
Ta=25°C
-40
-20
0
20
40
60
80
100
120
280
300
320
340
360
380
400
420
440
Temperature [°C]
High-Side
Low-Side
VCC=VBS=15V
COM=0V
LO=HO=0V
-40
-20
0
20
40
60
80
100
120
280
300
320
340
360
380
400
420
440
Temperature [°C]
High-Side
Low-Side
VCC=VBS=15V
COM=0V
LO=HO=0V
V
CC=VBS
COM=0V
LO=HO=0V
T
A=25°C
V
CC=VBS=15V
COM=0V
LO=HO=0V
10
12
14
16
18
20
300
400
500
600
700
800
900
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
LO=VCC, HO=VB
Ta=25°C
10
12
14
16
18
20
300
400
500
600
700
800
900
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
LO=VCC, HO=VB
Ta=25°C
-40
-20
0
20
406080
100
120
500
550
600
650
700
750
800
850
Temperature [°C]
High-Side
Low-Side
VCC=VBS=15V
COM=0V
LO=VCC, HO=VB
-40
-20
0
20
406080
100
120
500
550
600
650
700
750
800
850
Temperature [°C]
High-Side
Low-Side
VCC=VBS=15V
COM=0V
LO=VCC, HO=VB
V
CC=VBS
COM=0V
LO=V
CC, HO=VB
T
A=25°C
V
CC=VBS=15V
COM=0V
LO=V
CC, HO=VB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com