Electronic Components Datasheet Search
  English  ▼

X  

FAN7382M Datasheet(PDF) 7 Page - ON Semiconductor

Part # FAN7382M
Description  High- and Low-Side Gate Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7382M Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FAN7382M Datasheet HTML 3Page - ON Semiconductor FAN7382M Datasheet HTML 4Page - ON Semiconductor FAN7382M Datasheet HTML 5Page - ON Semiconductor FAN7382M Datasheet HTML 6Page - ON Semiconductor FAN7382M Datasheet HTML 7Page - ON Semiconductor FAN7382M Datasheet HTML 8Page - ON Semiconductor FAN7382M Datasheet HTML 9Page - ON Semiconductor FAN7382M Datasheet HTML 10Page - ON Semiconductor FAN7382M Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7382 Rev. 1.0.8
6
Typical Characteristics
Figure 4. Turn-On Propagation Delay vs.
Supply Voltage
Figure 5. Turn-On Propagation Delay vs. Temp.
Figure 6. Turn-Off Propagation Delay vs.
Supply Voltage
Figure 7. Turn-Off Propagation Delay vs. Temp.
Figure 8. Turn-On Rising Time vs. Supply Voltage
Figure 9. Turn-On Rising Time vs. Temp.
10
12
14
16
18
20
100
150
200
250
300
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
CL=1nF
Ta=25°C
10
12
14
16
18
20
100
150
200
250
300
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
CL=1nF
Ta=25°C
-40
-20
0
20
40
60
80
100
120
50
75
100
125
150
175
200
225
250
275
300
Tem perature[°C]
High-Side
Low-Side
VCC=VBS=15V
COM =0V
CL=1nF
-40
-20
0
20
40
60
80
100
120
50
75
100
125
150
175
200
225
250
275
300
Tem perature[°C]
High-Side
Low-Side
VCC=VBS=15V
COM =0V
CL=1nF
V
CC=VBS
COM=0V
C
L=1nF
T
A=25°C
V
CC=VBS=15V
COM=0V
C
L=1nF
10
12
14
16
18
20
100
120
140
160
180
200
220
240
260
280
300
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
CL=1nF
Ta=25°C
10
12
14
16
18
20
100
120
140
160
180
200
220
240
260
280
300
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
CL=1nF
Ta=25°C
-40
-20
0
20
406080
100
120
125
150
175
200
225
250
275
300
Low-Side
Temperature [°C]
High-Side
VCC=VBS=15V
COM=0V
CL=1nF
-40
-20
0
20
406080
100
120
125
150
175
200
225
250
275
300
Low-Side
Temperature [°C]
High-Side
-40
-20
0
20
406080
100
120
125
150
175
200
225
250
275
300
Low-Side
Temperature [°C]
High-Side
VCC=VBS=15V
COM=0V
CL=1nF
V
CC=VBS
COM=0V
C
L=1nF
T
A=25°C
V
CC=VBS=15V
COM=0V
C
L=1nF
10
11
12
13
14
15
16
17
18
19
20
42
44
46
48
50
52
54
56
58
60
62
64
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
CL=1nF
Ta=25°C
10
11
12
13
14
15
16
17
18
19
20
42
44
46
48
50
52
54
56
58
60
62
64
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
CL=1nF
Ta=25°C
-40
-20
0
20406080
100
120
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
Tem perature [°C]
High-Side
Low-Side
VCC=VBS=15V
COM =0V
CL=1nF
-40
-20
0
20406080
100
120
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
Tem perature [°C]
High-Side
Low-Side
VCC=VBS=15V
COM =0V
CL=1nF
V
CC=VBS
COM=0V
C
L=1nF
T
A=25°C
V
CC=VBS=15V
COM=0V
C
L=1nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com