Electronic Components Datasheet Search
  English  ▼

X  

FAN7382M Datasheet(PDF) 15 Page - ON Semiconductor

Part # FAN7382M
Description  High- and Low-Side Gate Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7382M Datasheet(HTML) 15 Page - ON Semiconductor

Back Button FAN7382M Datasheet HTML 8Page - ON Semiconductor FAN7382M Datasheet HTML 9Page - ON Semiconductor FAN7382M Datasheet HTML 10Page - ON Semiconductor FAN7382M Datasheet HTML 11Page - ON Semiconductor FAN7382M Datasheet HTML 12Page - ON Semiconductor FAN7382M Datasheet HTML 13Page - ON Semiconductor FAN7382M Datasheet HTML 14Page - ON Semiconductor FAN7382M Datasheet HTML 15Page - ON Semiconductor FAN7382M Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
0.65
1.70
1.27
5.60
8.76
8.36
6.00
4.20
3.75
1.27
0.27
7.62
PIN #1 ID
A
B
0.51
0.36
0.25
0.05 E
1.65
1.25
E
1.80 MAX
0.20 M C A B
0.10 C
C
0.30
0.15 E
CHAMFER OPTIONAL
A
0.36
0.90
0.45
1.04
0 ~5°
GAUGE
PLANE
SEATING
PLANE
NOTES: UNLESS OTHERWISE SPECIFIED
A. THIS PACKAGE REFERENCE TO JEDEC MS-012
VARIATION AB.
B. ALL DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS ARE EXCLUSIVE OF BURRS,
MOLD FLASH AND TIE BAR EXTRUSIONS.
D. DIMENSIONS AND TOLERANCES AS PER ASME
Y14.5-1994.
E
OUT OF JEDEC STANDARD VALUE.
F. LAND PATTERN STANDARD: SOIC127P600X145-14M.
G. FILE NAME: MKT-M14C REV2
7
1
TOP VIEW
SIDE VIEW
END VIEW
ALL LEAD TIPS
14
8
DETAIL "A"
SCALE 2:1
0.36
0.90
0.45
1.04
0 ~5°
GAUGE
PLANE
SEATING
PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com