Electronic Components Datasheet Search
  English  ▼

X  

FAN7382M Datasheet(PDF) 10 Page - ON Semiconductor

Part # FAN7382M
Description  High- and Low-Side Gate Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7382M Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FAN7382M Datasheet HTML 6Page - ON Semiconductor FAN7382M Datasheet HTML 7Page - ON Semiconductor FAN7382M Datasheet HTML 8Page - ON Semiconductor FAN7382M Datasheet HTML 9Page - ON Semiconductor FAN7382M Datasheet HTML 10Page - ON Semiconductor FAN7382M Datasheet HTML 11Page - ON Semiconductor FAN7382M Datasheet HTML 12Page - ON Semiconductor FAN7382M Datasheet HTML 13Page - ON Semiconductor FAN7382M Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7382 Rev. 1.0.8
9
Typical Characteristics (Continued)
Figure 22. High-Level Output Voltage vs.
Supply Voltage
Figure 23. High-Level Output Voltage vs. Temp.
Figure 24. Low-Level Output Voltage vs.
Supply Voltage
Figure 25. Low-Level Output Voltage vs. Temp.
Figure 26. Input Bias Current vs. Supply Voltage
Figure 27. Input Bias Current vs. Temp.
10
12
14
16
18
20
0.2
0.3
0.4
0.5
0.6
0.7
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
HIN=LIN=5V
IL=20mA
Ta=25°C
10
12
14
16
18
20
0.2
0.3
0.4
0.5
0.6
0.7
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
HIN=LIN=5V
IL=20mA
Ta=25°C
-40
-20
0
20
40
60
80
100
120
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
Temperature [°C]
High-Side
Low-Side
VCC=VBS=15V
COM=0V
HIN=LIN=5V
IL=20mA
-40
-20
0
20
40
60
80
100
120
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
Temperature [°C]
High-Side
Low-Side
VCC=VBS=15V
COM=0V
HIN=LIN=5V
IL=20mA
V
CC=VBS
COM=0V
HIN=LIN=5V
I
L=20mA
T
A=25°C
V
CC=VBS=15V
COM=0V
HIN=LIN=5V
I
L=20mA
10
12
14
16
18
20
0.12
0.13
0.14
0.15
0.16
0.17
0.18
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
HIN=LIN=0V
IL=20mA
Ta=25°C
10
12
14
16
18
20
0.12
0.13
0.14
0.15
0.16
0.17
0.18
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
HIN=LIN=0V
IL=20mA
Ta=25°C
-40
-20
0
20
40
60
80
100
120
0.10
0.12
0.14
0.16
0.18
0.20
0.22
Temperature [°C]
High-Side
Low-Side
VCC=VBS=15V
COM=0V
HIN=LIN=0V
IL=20mA
-40
-20
0
20
40
60
80
100
120
0.10
0.12
0.14
0.16
0.18
0.20
0.22
Temperature [°C]
High-Side
Low-Side
VCC=VBS=15V
COM=0V
HIN=LIN=0V
IL=20mA
V
CC=VBS
COM=0V
HIN=LIN=0V
I
L=20mA
T
A=25°C
V
CC=VBS=15V
COM=0V
HIN=LIN=0V
I
L=20mA
0
5
10
15
20
0
5
10
15
20
25
30
35
40
Supply Voltage [V]
IN+
IN-
VCC=VBS
COM=0V
IN=VCC or IN=0V
Ta=25°C
0
5
10
15
20
0
5
10
15
20
25
30
35
40
Supply Voltage [V]
IN+
IN-
VCC=VBS
COM=0V
IN=VCC or IN=0V
Ta=25°C
-40
-20
0
20406080
100
120
4
6
8
10
12
14
16
Tem perature [°C]
HIN
LIN
HIN=LIN=5V
-40
-20
0
20406080
100
120
4
6
8
10
12
14
16
Tem perature [°C]
HIN
LIN
HIN=LIN=5V
V
CC=VBS
COM=0V
IN=V
CC or IN=0V
T
A=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com