Electronic Components Datasheet Search
  English  ▼

X  

PC7447 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 8Page - ATMEL Corporation PC7447 Datasheet HTML 9Page - ATMEL Corporation PC7447 Datasheet HTML 10Page - ATMEL Corporation PC7447 Datasheet HTML 11Page - ATMEL Corporation PC7447 Datasheet HTML 12Page - ATMEL Corporation PC7447 Datasheet HTML 13Page - ATMEL Corporation PC7447 Datasheet HTML 14Page - ATMEL Corporation PC7447 Datasheet HTML 15Page - ATMEL Corporation PC7447 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
12
PC7457/47 [Preliminary]
5345B–HIREL–02/04
7. L3VSEL must be set to 0, such that the bus is in 1.8V mode.
8. L3VSEL must be set to HRESET or 1, such that the bus is in 2.5V mode.
9. Caution: V
IN must not exceed OVDD or GVDD by more than 0.3V at any time including during power-on reset.
10. VIN may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 3.
Recommended
Operating Conditions
Notes:
1. These are the recommended and tested operating conditions. Proper device operation outside of these conditions is not
guaranteed.
2. This voltage is the input to the filter discussed in Section “PLL Power Supply Filtering” on page 54 and not necessarily the
voltage at the AV
DD pin which may be reduced from VDD by the filter.
3. ¬HRESET is the inverse of HRESET.
Figure 3. Overshoot/Undershoot Voltage
Table 3. Recommended Operating Conditions
(1)
Symbol
Characteristic
Recommended Value
Unit
Min
Max
VDD
Core supply voltage
1.3V ±50 mV or 1.1V ±50 mV
V
AVDD
(2)
PLL supply voltage
1.3V ±50 mV or 1.1V ±50 mV
V
OV
DD
Processor bus supply voltage
BVSEL = 0
1.8V ±5%
V
OVDD
BVSEL = HRESET or OVDD
2.5V ±5%
V
GVDD
L3 bus supply voltage
L3VSEL = 0
1.8V ±5%
V
GV
DD
L3VSEL = HRESET or GV
DD
2.5V ±5%
V
GVDD
(3)
L3VSEL = ¬HRESET
1.5V ±5%
V
VIN
Input voltage
Processor bus
GND
OVDD
V
V
IN
L3 bus
GND
GV
DD
V
VIN
JTAG signals
GND
OVDD
V
T
j
Die-junction temperature
-55
125
°C
GND
GND – 0.3V
GND – 0.7V
Not to exceed 10% of tSYSCLK
OVDD/GVDD + 20%
OVDD/GVDD + 5%
OVDD/GVDD
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com