Electronic Components Datasheet Search
  English  ▼

X  

PC7447 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 14Page - ATMEL Corporation PC7447 Datasheet HTML 15Page - ATMEL Corporation PC7447 Datasheet HTML 16Page - ATMEL Corporation PC7447 Datasheet HTML 17Page - ATMEL Corporation PC7447 Datasheet HTML 18Page - ATMEL Corporation PC7447 Datasheet HTML 19Page - ATMEL Corporation PC7447 Datasheet HTML 20Page - ATMEL Corporation PC7447 Datasheet HTML 21Page - ATMEL Corporation PC7447 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
18
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Figure 7. Recommended Thermal Model of PC7447 and PC7457
Power Consumption
Notes:
1. These values apply for all valid processor bus and L3 bus ratios. The values do not
include I/O supply power (OVDD and GVDD) or PLL supply power (AVDD). OVDD and
GVDD power is system dependent, but is typically < 5% of VDD power. Worst case
power consumption for AV
DD < 3 mW
2. Typical power is an average value measured at the nominal recommended VDD (see
Table 3 on page 12) and 65 C while running the Dhrystone 2.1 benchmark and
achieving 2.3 Dhrystone MIPs/MHz.
Bump and Underfill
Die
Substrate
Solder and Air
Die
Substrate
Side View of Model (Not to Scale)
Side View of Model (Not to Scale)
x
y
z
Conductivity
Value
Unit
Bump and Underfill
kx
0.6
W/(m x K)
ky
0.6
kz
2
Substrate
k18
Solder Ball and Air
kx
0.034
ky
0.034
kz
3.8
Table 6. Power Consumption for PC7457
Full-Power Mode
Processor (CPU) Frequency
Unit
600 MHz
1000 MHz
1000 MHz
1200 MHz
Core Power Supply
1.1
1.1
1.3
1.3
Typical(1)(2)
5.3
8.3
15.8
17.5
W
Maximum(1)(3)
7.9
11.5
22.0
24.2
W
Nap Mode
Typical(1)(2)
1.3
1.3
5.2
5.2
W
Sleep Mode
Typical(1)(2)
1.2
1.2
5.1
5.1
W
Deep Sleep Mode (PLL Disabled)
Typical(1)(2)
1.1
1.1
5.0
5.0
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com