Electronic Components Datasheet Search
  English  ▼

X  

PC7447 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 22Page - ATMEL Corporation PC7447 Datasheet HTML 23Page - ATMEL Corporation PC7447 Datasheet HTML 24Page - ATMEL Corporation PC7447 Datasheet HTML 25Page - ATMEL Corporation PC7447 Datasheet HTML 26Page - ATMEL Corporation PC7447 Datasheet HTML 27Page - ATMEL Corporation PC7447 Datasheet HTML 28Page - ATMEL Corporation PC7447 Datasheet HTML 29Page - ATMEL Corporation PC7447 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
26
PC7457/47 [Preliminary]
5345B–HIREL–02/04
L3 Bus AC Specifications
The PC7457 L3 interface supports three different types of SRAM: source-synchronous,
double data rate (DDR) MSUG2 SRAM, Late Write SRAMs, and pipeline burst (PB2)
SRAMs. Each requires a different protocol on the L3 interface and a different routing of
the L3 clock signals. The type of SRAM is programmed in L3CR[22:23] and the PC7457
then follows the appropriate protocol for that type. The designer must connect and route
the L3 signals appropriately for each type of SRAM. Following are some observations
about the L3 interface.
•
The routing for the point-to-point signals (L3_CLK[0:1], L3DATA[0:63], L3DP[0:7],
and L3_ECHO_CLK[0:3]) to a particular SRAM must be delay matched
•
For 1M byte of SRAM, use L3_ADDR[16:0] (L3_ADDR[0] is LSB)
•
For 2M bytes of SRAM, use L3_ADDR[17:0] (L3_ADDR[0] is LSB)
•
No pull-up resistors are required for the L3 interface
•
For high speed operations, L3 interface address and control signals should be a "T"
with minimal stubs to the two loads; data and clock signals should be point-to-point
to their single load. Figure 12 shows the AC test load for the L3 interface.
Figure 12. AC Test Load for the L3 Interface
In general, if routing is short, delay-matched, and designed for incident wave reception
and minimal reflection, there is a high probability that the AC timing of the PC7457 L3
interface will meet the maximum frequency operation of appropriately chosen SRAMs.
This is despite the pessimistic, guard-banded AC specifications (see Table 12 on page
28, Table 13 on page 29, and Table 14 on page 32), the limitations of functional testers
described in Section “L3 Clock AC Specifications” on page 24 and the uncertainty of
clocks and signals which inevitably make worst-case critical path timing analysis
pessimistic.
More specifically, certain signals within groups should be delay-matched with others in
the same group while intergroup routing is less critical. Only the address and control sig-
nals are common to both SRAMs and additional timing margin is available for these
signals. The double-clocked data signals are grouped with individual clocks as shown in
Figure 13 on page 30 or Figure 15 on page 33, depending on the type of SRAM. For
example, for the MSUG2 DDR SRAM (see Figure 13); L3DATA[0:31], L3DP[0:3], and
L3_CLK[0] form a closely coupled group of outputs from the PC7457; while
L3DATA[0:15], L3DP[0:1], and L3_ECHO_CLK[0] form a closely coupled group of
inputs.
The PC7450 RISC Microprocessor Family User’s Manual refers to logical settings called
"sample points" used in the synchronization of reads from the receive FIFO. The compu-
tation of the correct value for this setting is system-dependent and is described in the
PC7450 RISC Microprocessor Family User’s Manual.
Three specifications are used in this calculation and are given in Table 11 on page 27. It
is essential that all three specifications are included in the calculations to determine the
sample points as incorrect settings can result in errors and unpredictable behavior. For
more information, see the PC7450 RISC Microprocessor Family User’s Manual.
Z0 = 50Ω
RL = 50Ω
OVDD/2
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com