Electronic Components Datasheet Search
  English  ▼

X  

PC7447 Datasheet(PDF) 59 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 55Page - ATMEL Corporation PC7447 Datasheet HTML 56Page - ATMEL Corporation PC7447 Datasheet HTML 57Page - ATMEL Corporation PC7447 Datasheet HTML 58Page - ATMEL Corporation PC7447 Datasheet HTML 59Page - ATMEL Corporation PC7447 Datasheet HTML 60Page - ATMEL Corporation PC7447 Datasheet HTML 61Page - ATMEL Corporation PC7447 Datasheet HTML 62Page - ATMEL Corporation PC7447 Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
59
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Definitions
Datasheet Status
Description
Life Support
Applications
These products are not designed for use in life support appliances, devices or systems
where malfunction of these products can reasonably be expected to result in personal
injury. Atmel customers using or selling these products for use in such applications do
so at their own risk and agree to fully indemnify Atmel for any damages resulting from
such improper use or sale.
Table 21. Datasheet Status
Datasheet Status
Validity
Objective specification
This datasheet contains target and goal
specifications for discussion with customer and
application validation.
Before design phase
Target specification
This datasheet contains target or goal
specifications for product development.
Valid during the design phase
Preliminary specification
α-site
This datasheet contains preliminary data.
Additional data may be published later; could
include simulation results.
Valid before characterization phase
Preliminary specification
β-site
This datasheet also contains characterization
results.
Valid before the industrialization phase
Product specification
This datasheet contains final product
specification.
Valid for production purposes
Limiting Values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the
limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at
any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for
extended periods may affect device reliability.
Application Information
Where application information is given, it is advisory and does not form part of the specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com