Electronic Components Datasheet Search
  English  ▼

X  

EM78P568 Datasheet(PDF) 19 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 19 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 23Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
14
01/31/2004
V4.7
Bit 0 ~ Bit 7 (P90 ~ P97) : 8-bit PORT9(0~7) I/O data register
User can use IOC register to define input or output each bit.
PAGE1 (Data RAM data register)
7
6
5
4
3
2
1
0
RAM_D7 RAM_D6 RAM_D5 RAM_D4 RAM_D3 RAM_D2 RAM_D1 RAM_D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 0 ~ Bit 7 (RAM_D0 ~ RAM_D7) : Data RAM’s data
The address for data RAM is accessed from R8 PAGE1. The data RAM bank is selected by R7 PAGE1 Bit
0 ~ Bit 1 (RAM_B0 ~ RAM_B1).
RA (PLL, Main clock selection, Comparator flag, Watchdog timer, DAC input data buffer,
LCD option)
PAGE0 (PLL enable bit, Main clock selection bits, Comparator control bits, Watchdog timer enable bit)
7
6
5
4
3
2
1
0
IDLE
PLLEN
CLK2
CLK1
CLK0
CMPFLAG CMPREF WDTEN
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R
R/W-0
R/W-0
Bit 0(WDTEN) : Watch dog control bit
0/1
disable/enable
User can use WDTC instruction to clear watch dog counter. The counter 's clock source is 32768/2 Hz. If
the prescaler assigns to TCC. Watch dog will time out
by (1/32768 )*2 * 256 = 15.616mS.
If the
prescaler assigns to WDT, the time of time out will be more times depending on the ratio of prescaler.
Bit 1(CMPREF) : Comparator’s reference voltage source selection bit
0
Comparator’s reference voltage is driven from internal bias resistor string. This reference voltage level
can be set by RD PAGE0 bit 0 ~ bit 5 (CMP_B0 ~ CMP_B5).
1
Comparator’s reference voltage is driven from external bias. This reference voltage input is CMP3/P65
pin. Also IOC6 PAGE1 bit 2(CMP63/P63) should be set to “1”.
Bit 2(CMPFLAG) : Output of the comparator
0
Input voltage < reference voltage
1
input voltage > reference voltage
Bit 3 ~ Bit 5 (CLK0 ~ CLK2) : MAIN clock selection bits
User can choose different frequency of main clock by CLK1 and CLK2. All the clock selection is list below.
PLLEN
CLK2
CLK1
CLK0
Sub clock
MAIN clock
CPU clock
1
0
0
0
32.768kHz
447.829kHz
447.829kHz (Normal mode)
1
0
0
1
32.768kHz
895.658kHz
895.658kHz (Normal mode)
1
0
1
0
32.768kHz
1.791MHz
1.791MHz (Normal mode)
1
0
1
1
32.768kHz
3.582MHz
3.582MHz (Normal mode)
1
1
0
0
32.768kHz
7.165MHz
7.165MHz (Normal mode)
1
1
0
1
32.768kHz
10.747MHz
10.747MHz (Normal mode)
1
1
1
0
32.768kHz
14.331MHz
14.331MHz (Normal mode)
1
1
1
1
32.768kHz
17.913MHz
17.913MHz (Normal mode)
0
don’t care
don’t care
32.768kHz
don’t care
32.768kHz (Green mode)
Bit 6(PLLEN) : PLL's power control bit which is CPU mode control register
0/1
disable PLL/enable PLL
If enable PLL, CPU will operate at normal mode (high frequency). Otherwise, it will run at green mode
(low frequency, 32768 Hz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com