Electronic Components Datasheet Search
  English  ▼

X  

EM78P568 Datasheet(PDF) 43 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 43 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 47Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
38
01/31/2004
V4.7
VII.4 I/O Port
The I/O registers are bi-directional tri-state I/O ports. The I/O ports can be defined as "input" or "output" pins by
the I/O control registers under program control. The I/O data registers and I/O control registers are both readable
and writable. The I/O interface circuit is shown as follows.
Fig.15 The circuit of I/O port and I/O control register
VII.5 RESET
The RESET can be caused by
(1) Power on voltage detector reset (/POVD) and power on reset
(2) WDT timeout. (if enabled and in GREEN or NORMAL mode)
(3) /RESET pin pull low
<Note> At case (1), /POVD is controlled by CODE OPTION. If you enable /POVD, CPU will reset at under
1.8V and CPU will consume more current about 5uA. It is used for low voltage reset/ And the power-on
reset is a circuit which is always enabled and only works on initially power-on reset. It will reset CPU at
about 1.4V and consume about 0.5uA.
Once the RESET occurs, the following functions are performed.
• The oscillator is running, or will be started.
• The Program Counter (R2) is set to all "0".
• When power on, the upper 3 bits of R3 and the upper 2 bits of R4 are cleared.
• The Watchdog timer and prescaler counter are cleared.
• The Watchdog timer is disabled.
• The CONT register is set to all "1"
• The other register (bit 7 ~ bit 0) defult values are as follows.
M
U
X
0
1
PDRD
PDWR
CLK
C
L
P
R
D
Q
Q
CLK
C
L
P
R
D
Q
Q
PCWR
IOD
PCRD
PORT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com