Electronic Components Datasheet Search
  English  ▼

X  

EM78P568 Datasheet(PDF) 24 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 24 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 28Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
19
01/31/2004
V4.7
30
01010001
173.8
81
172.773
31
01001110
179.9
78
179.419
32
01001100
183.5
76
184.140
33
01001011
186.2
75
186.595
34
01001010
189.9
74
189.117
35
01001001
192.8
73
191.708
36
01000111
196.6
71
197.108
37
01000110
199.5
70
199.924
38
01000101
203.5
69
202.821
39
01000100
206.5
68
205.804
40
01000010
210.7
66
212.040
41
01000000
218.1
64
218.667
42
00111110
225.7
62
225.720
43
00111101
229.1
61
229.421
44
00111100
233.6
60
233.244
45
00111010
241.8
58
241.287
46
00111000
250.3
56
249.905
47
00110111
254.1
55
254.448
RF (Interrupt status)
(Interrupt status register)
7
6
5
4
3
2
1
0
INT3
DETO
INT2
INT1
INT0
CNT2
CNT1
TCIF
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
"1" means interrupt request, "0" means non-interrupt
Bit 0(TCIF) : TCC timer overflow interrupt flag
Set when TCC timer overflows.
Bit 1(CNT1) : counter1 timer overflow interrupt flag
Set when counter1 timer overflows.
Bit 2(CNT2) : counter2 timer overflow interrupt flag
Set when counter2 timer overflows.
Bit 3(INT0) : external INT0 pin interrupt flag
If PORT70 has a falling edge/rising edge (controlled by CONT register) trigger signal, CPU will set this bit.
Bit 4(INT1) : external INT1 pin interrupt flag
If PORT71 has a falling edge trigger signal, CPU will set this bit.
Bit 5(INT2) : external INT2 pin interrupt flag
If PORT72 has a falling edge trigger signal, CPU will set this bit.
Bit 6(DETO) : CTCSS tone detection interrupt flag
If CTCSS detection output signal(R7 PAGE1 bit 6)
has an edge signal (falling edge, falling and rising
edge), CPU will set this bit.
Bit 7(INT3) : external INT3 pin interrupt flag
If PORT73 has a falling edge trigger signal, CPU will set this bit.
<Note> IOCF is the interrupt mask register. User can read and clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com