Electronic Components Datasheet Search
  English  ▼

X  

EM78P568 Datasheet(PDF) 42 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 42 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 46Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
37
01/31/2004
V4.7
IOCF (Interrupt mask)
(Interrupt mask register)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
INT3
DETO
INT2
INT1
INT0
CNT2
CNT1
TCIF
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ 7 : interrupt enable bit
0
disable interrupt
1
enable interrupt
The status after interrupt and the interrupt sources list as the table below.
Interrupt signal
IDLE mode
GREEN mode
NORMAL mode
RA(7,6)=(1,0)
+ SLEP
RA(7,6)=(x,0)
no SLEP
RA(7,6)=(x,1)
no SLEP
TCC time out
IOCF bit0=1
And "ENI"
(1) Wake-up
(2) Interrupt (jump to address 8 at
page0)
(3) after RETI instruction, jump to
SLEP Next instruction
Interrupt
(jump to address 8 at
page0)
Interrupt
(jump to address 8 at
page0)
COUNTER1 time out
IOCF bit1=1
And "ENI"
(1) Wake-up
(2)Interrupt (jump to address 8 at
page0)
(3) after RETI instruction, jump to
SLEP Next instruction
Interrupt
(jump to address 8 at
page0)
Interrupt
(jump to address 8 at
page0)
COUNTER2 time out
IOCF bit2=2
And "ENI"
(1) Wake-up
(2) Interrupt (jump to address 8 at
page0)
(3) after RETI instruction, jump to
SLEP Next instruction
Interrupt
(jump to address 8 at
page0)
Interrupt
(jump to address 8 at
page0)
PORT7(0~3)
IOCF bit3 or bit4 or
bit5 or bit7=1
And "ENI"
(1) Wake-up
(2) Interrupt (jump to address 8 at
page0)
(3) after RETI instruction, jump to
SLEP Next instruction
Interrupt
(jump to address 8 at
page0)
Interrupt
(jump to address 8 at
page0)
DETO
IOCF bit6 = 1
And “ENI”
No function
No function
Interrupt
(jump to address 8 at
page0)
<Note> PORT70 's interrupt function is controlled by IOCF bit 3. It's falling edge or rising edge trigger
(controlled by CONT register bit7).
PORT7(1~3) 's wakeup functions are controlled by IOCF bit (4,5,7). They are falling edge trigger.
DETO’s interrupt function is controlled by IOCF bit 6. It’s falling edge trigger, falling and rising
edge trigger (set by RD PAGE0 bit 7).
<ps> It only happens when master and 16.386kHz mode is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com