Electronic Components Datasheet Search
  English  ▼

X  

EM78P568 Datasheet(PDF) 54 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 54 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 58Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
49
01/31/2004
V4.7
VII.12 4-bit Comparator
PORT62
MUX
CMP1
P62S
PORT63
MUX
CMP2
P63S
PORT64
MUX
CMP3
P64S
MUX
CMPS1
CMPS0
+
-
MUX
CMPREF
CMPFLAG
CMPEN
0
1
2
CMP1/P62
CMP2/P63
CMP3/P64
MUX
1/2R
R
R
1/2R
5
CMP_B4 to CMP_B0
11111
11110
00000
VRSEL
MUX
2.5V
ref
2.5V
REFEN
(This ckt is form DAC)
VR
VDD
Name
Register bit location
CMPEN
IOC5 PAGE1 bit 7
CMPS1 ~ CMPS0
IOC5 PAGE1 bit 6 ~ 5
CMP_B4 ~ CMP_B0
IOC5 PAGE1 bit 4 ~ 0
Name
Register bit location
CMPREF
RA PAGE0 bit 1
CMPFLAG
RA PAGE0 bit 2
Name
Register bit location
P62S
IOC6 PAGE1 bit 2
P63S
IOC6 PAGE1 bit 3
P64S
IOC6 PAGE1 bit 4
VRSEL
IOCA PAGE1 bit 4
This comparator is not only a single comparator. It consists of 16-R resistor string, 3-channel input and optional
external comparison reference source input. The 16-R resistor string acts as 16-level voltage divider which top
voltage reference can be selected from VDD or 2.5V ref. Use above register bits to set the whole job. This
comparator is used to some applications such as voltage detection, RSSI level, sensor output level and other slow
signal level transition detection and so on. This comparator can be called a simple 4-bit low speed ADC but the
sampling time is decided by software. For AC frequency detection, it is limited by it output comparator structure.
We suggest the detected AC frequency below 1kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com